Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 130Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 131Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 132Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 133Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 134Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 135Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 136Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 137Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 335 page
background image
Functional Description and Application Information
Basic Timer Module - TIM (TIM16B4C)
MM912F634
Freescale Semiconductor
134
4.18.3.3.13
Main Timer Interrupt Flag 2 (TFLG2)
NOTE
The TFLG2 register indicates when an interrupt has occurred. Writing a one to the TOF bit
will clear it. Any access to TCNT will clear TOF bit of TFLG2 register if the TFFCA bit in
TSCR register is set.
4.18.3.3.14
Timer Input Capture/Output Compare Registers (TC3 - TC0)
NOTE
TRead anytime. Write anytime for output compare function. Writes to these registers have
no effect during input capture.
Depending on the TIOS bit for the corresponding channel, these registers are used to latch
the value of the free-running counter when a defined transition is sensed by the
corresponding input capture edge detector or to trigger an output action for output compare.
Read/Write access in byte mode for high byte should takes place before low byte otherwise
it will give a different result.
Table 179. Main Timer Interrupt Flag 2 (TFLG2)
Offset(120) 0xCD
Access: User read/write
76
543
210
R
TOF
000
00
00
W
Reset
0
000
00
00
Note:
120. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 180. TFLG2 - Register Field Descriptions
Field
Description
7
TOF
Timer Overflow Flag
1 = Indicates that an Interrupt has occurred (Set when 16-bit free-running timer counter overflows from $FFFF to $0000)
0 = Flag indicates an Interrupt has not occurred.
Table 181. Timer Input Capture/Output Compare Register 0 (TC0)
Offset(121) 0xCE, 0xCF
Access: User read(anytime)/write (special mode)
15
14
13
12
11
10
9
8
R
tc0_15
tc0_14
tc0_13
tc0_12
tc0_11
tc0_10
tc0_9
tc0_8
W
Reset
0
000
00
00
76
543
210
R
tc0_7
tc0_6
tc0_5
tc0_4
tc0_3
tc0_2
tc0_1
tc0_0
W
Reset
0
000
00
00
Note:
121. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com