Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 128Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 129Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 130Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 131Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 132Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 133Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 134Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 135Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 335 page
background image
Functional Description and Application Information
Basic Timer Module - TIM (TIM16B4C)
MM912F634
Freescale Semiconductor
132
4.18.3.3.10
Timer Interrupt Enable Register (TIE)
4.18.3.3.11
Timer System Control Register 2 (TSCR2)
NOTE
This mode of operation is similar to an up-counting modulus counter.
If register TC3 = $0000 and TCRE = 1, the timer counter register (TCNT) will stay at $0000
continuously. If register TC3 = $FFFF and TCRE = 1, TOF will not be set when the timer
counter register (TCNT) is reset from $FFFF to $0000.
The newly selected prescale factor will not take effect until the next synchronized edge,
where all prescale counter stages equal zero.
Table 171. Edge Detector Circuit Configuration
EDGnB
EDGnA
Configuration
0
0
Capture disabled
0
1
Capture on rising edges only
1
0
Capture on falling edges only
1
1
Capture on any edge (rising or falling)
Table 172. Timer Interrupt Enable Register (TIE)
Offset(117) 0xCA
Access: User read/write
76
543
210
R
0
000
C3I
C2I
C1I
C0I
W
Reset
0
000
00
00
Note:
117. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 173. TIE - Register Field Descriptions
Field
Description
3-0
C[3-0]I
Input Capture/Output Compare Interrupt Enable.
1 = Enables corresponding Interrupt flag (CnF of TFLG1 register) to cause a hardware interrupt
0 = Disables corresponding Interrupt flag (CnF of TFLG1 register) from causing a hardware interrupt
Table 174. Timer System Control Register 2 (TSCR2)
Offset(118) 0xCB
Access: User read/write
76
543
210
R
TOI
000
TCRE
PR2
PR1
PR0
W
Reset
0
000
00
00
Note:
118. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 175. TIE - Register Field Descriptions
Field
Description
7
TOI
Timer Overflow Interrupt Enable
1 = Hardware interrupt requested when TOF flag set in TFLG2 register.
0 = Hardware Interrupt request inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com