Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 125Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 126Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 127Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 128Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 129Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 130Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 131Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 132Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 335 page
background image
Functional Description and Application Information
Basic Timer Module - TIM (TIM16B4C)
MM912F634
Freescale Semiconductor
129
4.18.3.3.5
Timer Count Register (TCNT)
NOTE
The 16-bit main timer is an up counter. A full access for the counter register should take
place in one clock cycle. A separate read/write for high byte and low byte will give a different
result than accessing them as a word. The period of the first count after a write to the TCNT
registers may be a different length because the write is not synchronized with the prescaler
clock.
4.18.3.3.6
Timer System Control Register 1 (TSCR1)
Table 159. OC3D - Register Field Descriptions
Field
Description
3-0
OC3D[3-0]
Output Compare 3 Data for Channel “n”
Table 160. Timer Count Register (TCNT)
Offset(112) 0xC4, 0xC5
Access: User read(anytime)/write (special mode)
15
14
13
12
11
10
9
8
R
tcnt15
tcnt14
tcnt13
tcnt12
tcnt11
tcnt10
tcnt9
tcnt8
W
Reset
0
000
00
00
76
543
210
R
tcnt7
tcnt6
tcnt5
tcnt4
tcnt3
tcnt2
tcnt1
tcnt0
W
Reset
0
000
00
00
Note:
112. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 161. TCNT - Register Field Descriptions
Field
Description
15-0
tcnt[15-0]
16 Bit Timer Count Register
Table 162. Timer System Control Register 1 (TSCR1)
Offset(113) 0xC6
Access: User read/write
76
543
210
R
TEN
00
TFFCA
00
00
W
Reset
0
000
00
00
Note:
113. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com