Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 121Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 122Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 123Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 124Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 125Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 126Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 127Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 128Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 335 page
background image
Functional Description and Application Information
Basic Timer Module - TIM (TIM16B4C)
MM912F634
Freescale Semiconductor
125
4.18.2
Signal Description
4.18.2.1
Overview
The TIM16B4C module is internally connected to the PTB (IOC0, IOC1, IOC2) and to the Rx signal as specified in Section 4.17,
“General Purpose I/O - PTB[0…2]" (IOC3).
4.18.2.2
Detailed Signal Descriptions
4.18.2.2.1
IOC3 – Input Capture and Output Compare Channel 3
NOTE
Since the Rx signal is only available as an input, using the output compare feature for this
channel would have no effect.
This pin serves as input capture or output compare for channel 3 and is internally connected to the Rx signal as specified in
Section 4.17.2, “Alternative SCI / LIN Functionality".
4.18.2.2.2
IOC2 – Input Capture and Output Compare Channel 2
This pin serves as an input capture or output compare for channel 2 and can be routed to the PTB2 general purpose I/O.
4.18.2.2.3
IOC1 – Input Capture and Output Compare Channel 1
This pin serves as an input capture or output compare for channel 1 and can be routed to the PTB1 general purpose I/O.
4.18.2.2.4
IOC0 – Input Capture and Output Compare Channel 0
NOTE
For the description of interrupts see Section 4.18.6, “Interrupts".
This pin serves as an input capture or output compare for channel 0 and can be routed to the PTB0 general purpose I/O.
4.18.3
Memory Map and Registers
4.18.3.1
Overview
This section provides a detailed description of all memory and registers.
4.18.3.2
Module Memory Map
The memory map for the TIM16B4C module is given below in Table 151.
Table 151. Module Memory Map
Offset(104)
Use
Access
0xC0
Timer Input Capture/Output Compare Select (TIOS)
Read/Write
0xC1
Timer Compare Force Register (CFORC)
Read/Write(105)
0xC2
Output Compare 3 Mask Register (OC3M)
Read/Write
0xC3
Output Compare 3 Data Register (OC3D)
Read/Write
0xC4
Timer Count Register (TCNT(hi))
Read/Write(106)
0xC5
Timer Count Register (TCNT(lo))
Read/Write(105)
0xC6
Timer System Control Register 1 (TSCR1)
Read/Write
0xC7
Timer Toggle Overflow Register (TTOV)
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com