Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 120Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 121Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 122Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 123Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 124Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 125Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 126Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 127Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 335 page
background image
Functional Description and Application Information
Basic Timer Module - TIM (TIM16B4C)
MM912F634
Freescale Semiconductor
124
4.18
Basic Timer Module - TIM (TIM16B4C)
4.18.1
Introduction
4.18.1.1
Overview
The basic timer consists of a 16-bit, software-programmable counter driven by a seven-stage programmable prescaler.
This timer can be used for many purposes, including input waveform measurements while simultaneously generating an output
waveform. Pulse widths can vary from microseconds to many seconds.
This timer contains 4 complete input capture/output compare channels [IOC 3:2]. The input capture function is used to detect a
selected transition edge and record the time. The output compare function is used for generating output signals or for timer
software delays.
A full access for the counter registers or the input capture/output compare registers should take place in 16bit word access.
Accessing high byte and low byte separately for all of these registers may not yield the same result as accessing them in one
word.
4.18.1.2
Features
The TIM16B4C includes these distinctive features:
•
Four input capture/output compare channels.
•
Clock prescaler
•
16-bit counter
4.18.1.3
Modes of Operation
The TIM16B4C is only active during Normal mode.
4.18.1.4
Block Diagram
Figure 35. Timer Block Diagram
For more information see the respective functional descriptions see Section 4.18.4, “Functional Description" of this chapter.
Prescaler
16-bit Counter
IOC1
IOC0
IOC2
IOC3
Timer overflow
interrupt
Registers
D2D Clock
Input capture
Output compare
Input capture
Output compare
Input capture
Output compare
Input capture
Output compare
Channel 0
Channel 1
Channel 2
Channel 3
Timer channel 0
interrupt
Timer channel 3
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com