Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 118Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 119Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 120Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 121Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 122Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 123Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 124Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 125Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 335 page
background image
Functional Description and Application Information
General Purpose I/O - PTB[0…2]
MM912F634
Freescale Semiconductor
122
4.17.4
Register definition
4.17.4.1
Port B Configuration Register 1 (PTBC1)
NOTE
The pull-up resistor is not active once the port is configured as an output.
4.17.4.2
Port B Configuration Register 2 (PTBC2)
Table 145. Port B Configuration Register 1 (PTBC1)
Offset(101) 0x20
Access: User read/write
76
543
210
R0
PUEB2
PUEB1
PUEB0
0
DDRB2
DDRB1
DDRB0
W
Reset
0
000
00
00
Note:
101. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 146. PTBC1 - Register Field Descriptions
Field
Description
6-4
PUEB[2-0]
Pull-up Enable Port B[2…0]
0 - Pull-up disabled on PTBx pin.
1- Pull-up enabled on PTBx pin.
2-0
DDRB[2-0]
Data Direction Port B[2….0]
0 - PTBx configured as input.
1 - PTBx configured as output.
Table 147. Port B Configuration Register 2 (PTBC2)
Offset(102) 0x21
Access: User read/write
76
543
210
R
0
000
PWMCS
PWMEN
SERMOD
W
Reset
0
000
00
00
Note:
102. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 148. PTBC2 - Register Field Descriptions
Field
Description
3
PWMCS
PWM Channel Select PTB2. See Section 4.13, “PWM Control Module (PWM8B2C)".
0 - PWM Channel 0 selected as PWM Channel for PTB2
1 - PWM Channel 1 selected as PWM Channel for PTB2
2
PWMEN
PWM Enable for PTB2. See Section 4.13, “PWM Control Module (PWM8B2C)".
0 - PWM disabled on PTB2
1 - PWM enabled on PTB2 (Channel as selected with PWMCS)
1-0
SERMOD
Serial Mode Select for PTB0 and PTB1. See Figure 34 for details.
00 - Mode 0, SCI internally connected the LIN Physical Layer Interface. PTB0 and PTB1 are Digital I/Os
01 - Mode 1, SCI connected to PTB0 and PTB1 (external SCI mode)
10 - Mode 2, LIN Physical Layer Interface connected to PTB0 and PTB1 (external LIN mode)
11 - Mode 3, SCI internally connected the LIN Physical Layer Interface and PTB0 and PTB1 are connected both as outputs
(Observe mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com