Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 157Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 158Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 159Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 160Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 161Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 162Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 163Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 164Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 335 page
background image
Functional Description and Application Information
MM912F634 - MCU Die Overview
MM912F634
Freescale Semiconductor
161
4.26.6.2.1
System Stop Mode
The system stop mode is entered if the CPU executes the STOP instruction. Asserting RESET, D2DINT, or any other interrupt
that is not masked exits system stop mode. System stop mode can be exited by CPU activity - depending on the configuration
of the interrupt request.
4.26.6.2.2
Wait Mode
This mode is entered when the CPU executes the WAI instruction. In this mode the CPU will not execute instructions. The internal
CPU clock is switched off. All peripherals can be active in system wait mode. For further power reduction the peripherals can
individually turn off their local clocks. Asserting RESET, D2DINT, or any other interrupt that is not masked ends system wait mode.
4.26.6.2.3
Run Mode
Although this is not a low-power mode, unused peripheral modules should be disabled in order to save power.
4.26.6.2.4
Freeze Mode
The COP and RTI module provide a software programmable option to freeze the module status when the background debug
module is active. This is useful when debugging application software. For detailed description of the behavior of the COP and
RTI when the background debug module is active consult the corresponding module descriptions.
4.26.7
Security
4.26.7.1
MC9S12I32
The MCU security feature allows the protection of the on chip Flash. For a detailed description of the security features refer to
the 4.36.6, “Flash Module Security“ description.
4.26.8
Resets and Interrupts
Consult the S12SCPU manual and the 4.27, “Port Integration Module (9S12I32PIMV1)“ description for information on exception
processing.
4.26.8.1
Resets
Resets are explained in detail in the 4.27, “Port Integration Module (9S12I32PIMV1)“ description.
4.26.8.2
Vectors
Table 215 lists all interrupt sources and vectors in the order of priority. The interrupt module (4.27, “Port Integration Module
(9S12I32PIMV1)“) provides an interrupt vector base register (IVBR) to relocate the vectors.
Table 215. Interrupt Vector Locations
Vector Address(146)
Interrupt Source
CCR
Mask
Local Enable
$FFFE
System reset or illegal access reset
None
None
$FFFC
Oscillator monitor reset
None
CRGCTL0 (CME)
$FFFA
COP watchdog reset
None
COP rate select
Vector base + $F8
Unimplemented instruction trap
None
None
Vector base+ $F6
SWI
None
None
Vector base+ $F4
D2DI Error Interrupt
X Bit
None
Vector base+ $F2
D2DI External Error Interrupt
I bit
D2DIE (D2DCTL1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com