Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 155Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 156Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 157Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 158Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 159Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 160Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 161Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 162Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 335 page
background image
Functional Description and Application Information
MM912F634 - MCU Die Overview
MM912F634
Freescale Semiconductor
159
4.26.4
Part ID Assignments
The part ID is located in two 8-bit registers PARTIDH and PARTIDL (addresses 0x001A and 0x001B). The read-only value is a
unique part ID for each revision of the chip. Table 213 shows the assigned part ID number and Mask Set number.
4.26.5
System Clock Description
The clock and reset generator module (CRG) provides the internal clock signals for the core and all peripheral modules. Figure 45
shows the clock connections from the CRG to all modules.
Consult the CRG specification for details on clock generation.
Figure 45. Clock Connections
Table 213. Assigned Part ID Numbers
Device
Mask Set Number
Part ID(145)
MC9S12I32
0M33G
$3800
MC9S12I32
1M33G
$3801
Note:
145. The coding is as follows:
Bit 15-12: Major family identifier
Bit 11-8: Minor family identifier
Bit 7-4: Major mask set revision number including FAB transfers
Bit 3-0: Minor — non full — mask set revision
SPI
CRG
Bus Clock
EXTAL
XTAL
Core Clock
S12
PIM
D2DI
FLASH
RAM
FLL
: 2
IRC
RTI
COP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com