Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 155 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 155 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 151Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 152Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 153Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 154Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 155Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 156Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 157Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 158Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 335 page
background image
Functional Description and Application Information
MM912F634 - MCU Die Overview
MM912F634
Freescale Semiconductor
155
4.26
MM912F634 - MCU Die Overview
4.26.1
Introduction
The MC9S12I32 micro controller implemented in the MM912F634 is the first member of the newly introduced S12S
platform, mainly targeted for Intelligent Distributed Control (IDC) applications. The MC9S12I32 device is designed as counter part
to an analog die, and is not being offered as a standalone MCU.
The MC9S12I32 die contains a HCS12 Central Processing Unit (CPU), offering 32 kB of Flash memory and 2.0 kB of system
SRAM, up to six general purpose I/Os, an on-chip oscillator and clock multiplier, one Serial Peripheral Interface (SPI), an interrupt
module, and debug capabilities via the on-chip debug module (DBG) in combination with the Background Debug Mode (BDM)
interface. The MC9S12I32 die has no external bus interface, and thus no emulation capability as well as no internal voltage
regulator. Additionally there is a die-to-die initiator (D2DI) which represents the communication interface to the companion
(analog) die.
4.26.1.1
Features
•
16-Bit S12S CPU
— Upward compatible with the CPU12 instruction set
•
Note: Five Fuzzy instructions (MEM, WAV, WAVR, REV, REVW) are not supported on
this device.
•
INT (interrupt module)
— Supporting nested interrupts
•
MMC (memory mapping control and crossbar switch)
•
DBG (debug module)
— Monitoring of the CPU bus with tag-type or force-type breakpoint requests
— 64 x 20-bit circular trace buffer captures change-of-flow or memory access information
•
BDM (background debug mode)
•
OSC (oscillator)
— Full-swing Pierce oscillator option utilizing a 4.0 MHz to 16 MHz crystal or resonator
•
CRG (clock and reset generation)
— 32 kHz trimmable internal reference clock
— Oscillator clock monitor
— Internal Digital Controlled Oscillator (DCO), Frequency Locked Loop (FLL) based
•
COP module (Computer Operating Properly watchdog)
•
RTI module (Real Time Interrupt)
•
Memory Options
— 32 k byte Flash
— 2.0 k byte RAM
•
Flash General Features
— Erase sector size 512 bytes
— Automated program and erase algorithm
•
Serial Peripheral Interface Module (SPI)
— Configurable for 8 or 16-bit data size
•
Input/Output
— Up to 6 general-purpose input/output (I/O) pins
— Hysteresis on all input pins
— Configurable drive strength on all output pins
•
Die 2 Die Initiator (D2DI)
— Up to 2.0 Mbyte/s data rate
— Configurable 4-bit or 8-bit wide data path
•
20 MHz maximum CPU bus frequency (16 MHz for MM912F634CV2AP)
ANALOG
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com