Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 148Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 149Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 150Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 151Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 152Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 153Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 154Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 155Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 335 page
background image
Functional Description and Application Information
MM912F634 - Analog Die Trimming
MM912F634
Freescale Semiconductor
152
4.25.1.2
Register Descriptions
4.25.1.2.1
Trimming Register 0 (CTR0)
4.25.1.2.2
Trimming Register 1 (CTR1)
Table 204. Trimming Register 0 (CTR0)
Offset(137) 0xF0
Access: User read/write
76
543
21
0
R
LINTRE
LINTR
WDCTRE
CTR0_4
CTR0_3
WDCTR2
WDCTR1
WDCTR0
W
Reset
000
000
0
0
Note:
137. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 205. CTR0 - Register Field Descriptions
Field
Description
7
LINTRE
LIN trim enable
0 - no trim can be done
1- trim can be done by setting LINTR bit
6
LINTR
LIN trim bit
0 - default slope
1 - adjust the slope
5
WDCTRE
Watchdog trim enable
0 - no trim can be done
1 - trim can be done by setting WDCTR[2:0] bits
4
CTR0_4
Spare Trim bit 4
3
CTR0_3
Spare Trim bit 3
2-0
WDCTR2…0
Watchdog clock trim (Trim effect to the 100 kHz Watch dog base clock)
000: 0%
001: +5%
010: +10%
011: +15%
100: -20%
101: -15%
110: -10%
111: -5%
Table 206. Trimming Register 1 (CTR1)
Offset(138) 0xF1
Access: User read/write
7
654
321
0
R
BGTRE
CTR1_6
BGTRIMUP
BGTRIMDN
IREFTRE
IREFTR2
IREFTR1
IREFTR0
W
Reset
0
0
000
000
Note:
138. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com