Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 148 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 148 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 144Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 145Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 146Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 147Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 148Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 149Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 150Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 151Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 335 page
background image
Functional Description and Application Information
Current Sense Module - ISENSE
MM912F634
Freescale Semiconductor
148
Table 201. CSR - Register Field Descriptions
Field
Description
7
CSE
Current Sense Enable Bit
0 - Current Sense Module Disabled
1 - Current Sense Module Enabled
3
CCD
Input Filter Charge Compensation Disable Bit(133)
0 - Enabled
1 - Disabled
2-0
CSGS
Current Sense Gain Select - Selects the amplification GAIN for the current sense module
000 - 7 (typ.)
001 - 9 (typ.)
010 - 10 (typ.)
011 - 12 (typ.)
100 - 14 (typ.)
101 - 18 (typ.)
110 - 24 (typ.)
111 - 36 (typ.)
Note:
133. This feature should be used when implementing an external filter to the current sense ISENSEx inputs. In principal an internal charge
compensation is activated in synch with the conversion to avoid the sample capacitors to be discharged by the external filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com