Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 146Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 147Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 148Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 149Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 150Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 151Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 152Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 153Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 335 page
background image
Functional Description and Application Information
Supply Voltage Sense - VSENSE
MM912F634
Freescale Semiconductor
150
4.22
Supply Voltage Sense - VSENSE
NOTE
Due to internal capacitor charging, temperature measurements are valid 200 ms (max) after
system power up and wake-up.
The reverse battery protected VSENSE pin has been implemented to allow a direct measurement of the Battery level voltage.
Bypassing the device VSUP capacitor and external reverse battery diode will detect under-voltage conditions without delay. A
series resistor is required to protect the MM912F634 analog die from fast transients.
Figure 41. VSENSE Module
The voltage present on the VSENSE pin can be routed via an internal divider to the internal Analog Digital Converter or issue an
interrupt (LBI) to alert the MCU.
For the interrupt based alert, see Section 4.4, “Power Supply". For VSENSE measurement using the internal ADC see
Section 4.19, “Analog Digital Converter - ADC".
4.23
Internal Supply Voltage Sense - VS1SENSE
In addition to the VSENSE module, the internal VS1 supply can be routed to the analog digital converter as well. See
Section 4.19, “Analog Digital Converter - ADC" for details on the acquisition.
Figure 42. VS1Sense Module
4.24
Internal Bandgap Reference Voltage Sense - BANDGAP
The internal reference bandgap voltage “bg1p25sleep” is generated fully independent from the Analog Digital Converter
reference voltages. Measuring(134) the “bg1p25sleep” reference through the ADC-CH14 allows should return a conversion result
within ADCH14 under normal conditions. Any result outside the range would indicate faulty behavior of either the ADC chain or
the 2p5sleep Bandgap circuity.
Note:
134. The maximum allowed sample frequency for Channel 14 is limited to fCH14. Increasing the sample frequency above can result in
unwanted turn off of the LS drivers due to a false VREG over-voltage.
VS1
VSENSE
VS2
Prescaler
RATIOVSENSE
CH11
ADC
RVSENSE
LBI
VS1
VSENSE
VS2
ADC
RVSENSE
LVI
Prescaler
RATIOVS1
CH12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com