Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 150Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 151Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 152Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 153Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 154Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 155Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 156Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 157Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 335 page
background image
Functional Description and Application Information
MM912F634 - Analog Die Trimming
MM912F634
Freescale Semiconductor
154
4.25.1.2.4
Trimming Register 3 (CTR3)
2-0
SLPBGTR2…0
bg1p25sleep trim - This trim is used to adjust the internal sleep mode 1.25 V bandgap used as a reference for the VDD and
VDDx over-voltage detection.
000: -12.2% (default)
001: -8.2%
010: -4.2%
011: 0%
100: +4.2%
101: +8.3%
110: +12.5%
111: -12.2% (default)
Table 210. Trimming Register 3 (CTR3)
Offset(140) 0xF3
Access: User read/write
76
54
32
10
R
OFFCTRE
OFFCTR2
OFFCTR1
OFFCTR0
CTR3_E
CTR3_2
CTR3_1
CTR3_0
W
Reset
0
00
00
000
Note:
140. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 211. CTR3 - Register Field Descriptions
Field
Description
7
OFFCTRE
ADC offset compensation voltage trim enable bit
0 - no trim can be done
1 - trim can be done by setting OFFCTR[2:0] bits
6-4
OFFCTR2…0
ADCOFFC trim - This trim is used to adjust the internal ADC offset compensation voltage
000: 0%
001: +7.98%
010: +15.97%
011: +23.95%
100: -23.95%
101: -15.97%
110: -7.98%
111: 0%
3
CTR3_E
Spare Trim enable bit
2
CTR3_2
Spare Trim bit 2
1
CTR3_1
Spare Trim bit 1
0
CTR3_0
Spare Trim bit 0
Table 209. CTR2 - Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com