Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 152Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 153Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 154Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 155Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 156Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 157Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 158Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 159Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 335 page
background image
Functional Description and Application Information
MM912F634 - MCU Die Overview
MM912F634
Freescale Semiconductor
156
4.26.1.2
Modes of Operation
Memory map and bus interface modes:
•
Normal operating mode
— Normal single-chip mode
•
Special Operating mode
— Special single-chip mode with active background debug mode
Low-power modes:
•
System stop mode
•
System wait mode
4.26.2
Block Diagrams
Figure 43 shows a block diagram of the MC9S12I32device
Figure 43. MC9S12I32 Block Diagram
4.26.3
Device Memory Map
4.26.3.1
Address Mapping
Figure 44 shows S12S CPU & BDM local address translation to the global memory map. It also indicates the location of the
internal resources in the memory map.
2K bytes RAM
RESET
EXTAL
XTAL
BKGD
Real Time Interrupt
Osc Clock Monitor
Single-wire Background
TEST
Debug Module
Interrupt Module
32K bytes Flash
CPU12
COP Watchdog
Debug Module
2 address breakpoints
64 Byte Trace Buffer
Reset Generation
and Test Entry
Die-to-Die
PD3
PD0
PD1
PD2
D2D[0]
D2D[1]
PD7
PD4
PD5
PD6
PA3
PA0
PA1
PA2
PA4
PA5
VDDX
VSSX
Initiator
scalable 4 or 8 bits wide
D2D[2]
D2D[3]
D2D[4]
D2D[5]
D2D[6]
D2D[7]
VDD
VSS
SPI
MISO
MOSI
SCK
SS
PC0
PC1
D2DCLK
D2DINT
Full Swing Pierce
Oscillator
Internal Reference Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com