Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 143Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 144Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 145Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 146Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 147Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 148Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 149Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 150Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 335 page
background image
Functional Description and Application Information
Current Sense Module - ISENSE
MM912F634
Freescale Semiconductor
147
4.20
Current Sense Module - ISENSE
The Current Sense Module is implemented to amplify the voltage drop across an external shunt resistor to measure the actual
application current using the internal Analog Digital Converter Channel 9. Typical application is the motor current in a window lift
control module
.
Figure 39. Current Sense Module with External Filter Option
The implementation is based on a switched capacitor solution to eliminate unwanted offset.To fit several application scenarios,
eight different GAIN setting are implemented.
4.20.1
Register Definition
4.20.1.1
Current Sense Register (CSR)
Table 200. Current Sense Register (CSR)
Offset(132) 0x3C
Access: User read/write
76
543
210
R
CSE
000
CCD
CSGS
W
Reset
0
000
00
00
Note:
132. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
in
Q
C
Imot
P1
P1
P2
filt
C
filt
R
Vin
Vout
ADC
shunt
R
filt
R
in
Q
C
G ⋅
2
C
G ⋅
2
Vin
Δ
in
Q
C
Imot
P1
P1
P2
filt
C
filt
R
Vin
Vout
ADC
shunt
R
filt
R
in
Q
C
G ⋅
2
C
G ⋅
2
Vin
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com