Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 144 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 144 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 140Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 141Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 142Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 143Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 144Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 145Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 146Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 147Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 148Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 335 page
background image
Functional Description and Application Information
Analog Digital Converter - ADC
MM912F634
Freescale Semiconductor
144
4.19.4.2.4
ADC Conversion Complete Status Register (ACCSR)
4.19.4.2.5
ADC Data Result Register x (ADRx)
Table 194. ACCR - Register Field Descriptions
Field
Description
15-0
CHx
Channel Select - If 1, the selected channel is included into the sequence. Writing ACCR will stop the current sequence and
restart. Writing ACCR=0 will stop the conversion, All CCx flags will be cleared when ACCR is written.Conversion will start
after write. 16-Bit write operation recommended, writing 8-bit: Only writing the High Byte will start the conversion with
Channel 15, if selected. Write to the Low Byte will not start a conversion.
Measure individual Channels by writing a sequence of one channel. Channel 15 needs to be selected in order to have the
offset compensation functional.
Table 195. ADC Conversion Complete Status Register (ACCSR)
Offset(129) 0x84 (0x84 and 0x85 for 8-Bit access)
Access: User read
15
14
13
12
11
10
98765
43210
R
CC15 CC14
0
CC12
CC11
CC10
CC9
CC8
CC7
CC6
CC5
CC4
CC3
CC2
CC1
CC0
W
Reset
0000000
0000000
00
Note:
129. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 196. ACCSR - Register Field Descriptions
Field
Description
15-0 CCx
Conversion Complete Flag - Indicates the conversion being complete for channel x. Read operation only.16-bit read
recommended. 8-Bit read will return the current status, no latching will be performed.
Table 197. ADC Data Result Register x (ADRx)
Offset(130) 0x86+x (0x86 and 0x87 for 8-Bit access)
Access: User read
15
14
13
12
11
10
98765
43210
R
ADRx
0
0
00
00
W
Reset
0000000
0000000
00
Note:
130. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 198. ADRx - Register Field Descriptions
Field
Description
15-6
ADRx
ADC - Channel X left adjusted Result Register. Reading the register will clear the corresponding CCx register in the ACCSR
register. 16-bit read recommended. 8-Bit read: Reading the low byte will latch the high byte for the next read, reading the
high byte will clear the cc flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com