Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 142 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 138Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 139Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 140Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 141Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 142Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 143Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 144Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 145Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 335 page
background image
Functional Description and Application Information
Analog Digital Converter - ADC
MM912F634
Freescale Semiconductor
142
4.19.4.2
Register Definition
4.19.4.2.1
ADC Config Register (ACR)
NOTE
ADCRST is strongly recommended to be set during D2D clock frequency changes.
0xA2
ADR14 (hi)
R
ADR14[9:2]
W
0xA3
ADR14 (lo)
R
ADR14[1:0]
W
0xA4
ADR15 (hi)
R
ADR15[9:2]
W
0xA5
ADR15 (lo)
R
ADR15[1:0]
W
Note:
125. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 189. ADC Config Register (ACR)
Offset(126) 0x80
Access: User read/write
76
543
210
R
SCIE
CCE
OCE
ADCRST
0
PS2
PS1
PS0
W
Reset
0
000
00
00
Note:
126. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 190. ACR - Register Field Descriptions
Field
Description
7 - SCIE
Sequence Complete Interrupt Enable
0 - Sequence Complete Interrupt Disabled
1 - Sequence Complete Interrupt Enabled
6 - CCE
Continuous Conversion Enable
0 - Continuous Conversion Disabled
1 - Continuous Conversion Enabled
5 - OCE
Offset Compensation Enable
0 - Offset Compensation Disabled
1 - Offset Compensation Enabled, This feature requires the CH15 bit in the ADC Conversion Control Register (ACCR) to
be set for all conversions.
Table 188. Analog Digital Converter Module - Memory Map (continued)
Register /
Offset(125)
Bit 7
6
5
4
3
2
1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com