Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 135Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 136Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 137Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 138Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 139Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 140Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 141Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 142Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 335 page
background image
Functional Description and Application Information
Analog Digital Converter - ADC
MM912F634
Freescale Semiconductor
139
4.19
Analog Digital Converter - ADC
4.19.1
Introduction
4.19.1.1
Overview
In order to sample the MM912F634 analog die analog sources, a 10-bit resolution successive approximation Analog to Digital
Converter has been implemented. Controlled by the A/D Control Logic (ADC Wrapper), the Analog Digital Converter allows fast
and high precision conversions.
Figure 37. Analog Digital Converter Block Diagram
4.19.1.2
Features
•
10-bit resolution
•
13 µs (typ.), 10-bit Single Sample + Conversion Time
•
External ADC2p5 pin with over-current protection to filter the analog reference voltage
•
Total Error (TE) of
± 5 LSB without offset calibration active
•
Integrated selectable offset compensation
•
14 + 1 analog channels (AD0…8; ISENSE, TSENSE and VSENSE, VS1SENSE, BANDGAP, plus calibration channel)
•
Sequence- and Continuous Conversion Mode with IRQ for Sequence Complete indication
•
Dedicated Result register for each channel
4.19.2
Modes of Operation
The Analog Digital Converter Module is active only in normal mode; it is disabled in Sleep and Stop mode.
A
D
A/D Control Logic
(ADC Wrapper)
D2DCLK
Data
Registers
DATAA2D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com