Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 140 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 140 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 136Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 137Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 138Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 139Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 140Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 141Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 142Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 143Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 144Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 335 page
background image
Functional Description and Application Information
Analog Digital Converter - ADC
MM912F634
Freescale Semiconductor
140
4.19.3
External Signal Description
This section lists and describes the signals that do connect off-chip. Table 187 shows all the pins and their functions that are
controlled by the Analog Digital Converter Module.
4.19.4
Memory Map and Register Definition
4.19.4.1
Module Memory Map
Table 188 shows the register map of the Analog Digital Converter Module. All Register addresses given are referenced to the
D2D interface offset.
Table 187. ADC - Pin Functions and Priorities
Pin Name
Pin Function &
Priority
I/O
Description
Pin Function
after Reset
AGND
Analog Ground
-
Analog Ground Connection
-
ADC2p5
Analog Regulator
-
Analog Digital Converter Regulator Filter Terminal. A capacitor CADC2p5 is
required for operation.
-
Table 188. Analog Digital Converter Module - Memory Map
Register /
Offset(125)
Bit 7
6
5
4
3
2
1
Bit 0
0x80
ACR
R
SCIE
CCE
OCE
ADCRST
0
PS2
PS1
PS0
W
0x81
ASR
R
SCF
2p5CLF
0
0
CCNT3
CCNT2
CCNT1
CCNT0
W
0x82
ACCR (hi)
R
CH15
CH14
0
CH12
CH11
CH10
CH9
CH8
W
0x83
ACCR (lo)
R
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
W
0x84
ACCSR (hi)
R
CC15
CC14
0CC12
CC11
CC10
CC9
CC8
W
0x85
ACCSR (lo)
R
CC7
CC6
CC5
CC4
CC3
CC2
CC1
CC0
W
0x86
ADR0 (hi)
R
ADR0[9:2]
W
0x87
ADR0 (lo)
R
ADR0[1:0]
W
0x88
ADR1 (hi)
R
ADR1[9:2]
W
0x89
ADR1 (lo)
R
ADR1[1:0]
W
0x8A
ADR2 (hi)
R
ADR2[9:2]
W
0x8B
ADR2 (lo)
R
ADR2[1:0]
W
0x8C
ADR3 (hi)
R
ADR3[9:2]
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com