Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 141Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 142Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 143Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 144Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 145Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 146Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 147Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 148Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 335 page
background image
Functional Description and Application Information
Analog Digital Converter - ADC
MM912F634
Freescale Semiconductor
145
4.19.5
Functional Description
4.19.5.1
Analog Channel Definitions
The following analog Channels a routed to the analog multiplexer:
(continued)
4.19.5.2
Automatic Offset Compensation
To eliminate the Analog Digital Converter Offset, an automatic compensation is implemented. The compensation is based on a
calibrated voltage reference connected to ADC Channel 15. The reference trim is accomplished by the correct CTRx Register
content. See Section 4.25, “MM912F634 - Analog Die Trimming". The reference is factory trimmed to 8 LSB.
To activate the Offset compensation feature, the OCE bit in the ADC Config Register (ACR) has to be set, and the CH15 has to
be enabled when starting a new conversion, by writing to the ADC Conversion Control Register (ACCR). The compensation will
work with single and sequence conversion.
Table 199. Analog Channels
Channel
Description
0
AD0 - PTB0 Analog Input
AD0
1
AD1 - PTB1 Analog Input
AD1
2
AD2 - PTB2 Analog Input
AD2
3
AD3 - L0 Analog Input
AD3
4
AD4 - L1 Analog Input
AD4
5
AD5 - L2 Analog Input
AD5
6
AD6 - L3 Analog Input
AD6
7
AD7 - L4 Analog Input
AD7
8
AD8 - L5 Analog Input
AD8
9
Current Sense
ISENSE
10
Voltage Sense
VSENSE
11
Temperature Sense
TSENSE
12
VS1 Sense
VS1SENSE
13
not implemented
n.i.
14
Bandgap(131)
BANDGAP
15
Calibration Reference
CAL
Note:
131. Internal “bg1p25sleep” reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com