Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 166 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 162Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 163Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 164Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 165Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 166Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 167Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 168Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 169Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 335 page
background image
Functional Description and Application Information
Port Integration Module (9S12I32PIMV1)
MM912F634
Freescale Semiconductor
166
4.27.3.2
PIM Reserved Register
4.27.3.3
Port A Data Direction Register (DDRA)
4.27.3.4
PIM Reserved Register
Table 219. PIM Reserved Register
Address 0x0001
Access: User read(148)
76
543
210
R
0
0
0
0
0
0
0
0
W
Reset
0
000
00
00
Note:
148. Read: Anytime.
Write: Unimplemented. Writing to this register has no effect.
Table 220. Port A Data Direction Register (DDRA)
Address 0x0002
Access: User read/write(149)
76
543
210
R
0
0
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
W
Reset
0
000
00
00
Note:
149. Read: Anytime.
Write: Anytime.
Table 221. DDRA Register Field Descriptions
Field
Description
5-0
DDRA
Port A Data Direction
—
This register controls the data direction of pins 5 through 0.
The SPI function controls the data direction for the associated pins. In this case the data direction bits will not change.
When operating a pin as a general purpose I/O, the associated data direction bit determines whether it is an input or output.
1 Associated pin is configured as output.
0 Associated pin is configured as high-impedance input.
Table 222. PIM Reserved Register
Address 0x0003
Access: User read(150)
76
543
210
R
0
0
0
0
0
0
0
0
W
Reset
0
000
00
00
Note:
150. Read: Anytime.
Write: Unimplemented. Writing to this register has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com