Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 170 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 170 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 166Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 167Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 168Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 169Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 170Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 171Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 172Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 173Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 335 page
background image
Functional Description and Application Information
Port Integration Module (9S12I32PIMV1)
MM912F634
Freescale Semiconductor
170
4.27.3.12
Port A Reduced Drive Register (RDRA)
4.27.3.13
PIM Reserved Registers
Table 235. Port A Reduced Drive Register (RDRA)
Address 0x0122
Access: User read/write(159)
76
543
210
R
0
0
RDRA5
RDRA4
RDRA3
RDRA2
RDRA1
RDRA0
W
Reset
0
000
00
00
Note:
159. Read: Anytime. Write: Anytime.
Table 236. RDRA Register Field Descriptions
Field
Description
5-0
RDRA
Port A reduced drive
—Select reduced drive for outputs
This register configures the drive strength of output pins as either full or reduced. If a pin is used as input this bit has no effect.
1 Reduced drive selected (1/6 of the full drive strength).
0 Full drive strength enabled.
Table 237. PIM Reserved Register
Address 0x0123-0x017F
Access: User read(160)
76
543
210
R
0
0
0
0
0
0
0
0
W
Reset
0
000
00
00
Note:
160. Read: Anytime.
Write: Unimplemented. Writing to these registers has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com