Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 168Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 169Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 170Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 171Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 172Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 173Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 174Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 175Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 335 page
background image
Functional Description and Application Information
Port Integration Module (9S12I32PIMV1)
MM912F634
Freescale Semiconductor
172
4.27.4.3
Ports
4.27.4.3.1
Port A
This port is associated with the SPI.
Port A pins PA5-0 can be used for general-purpose I/O and PA3-0, also with the SPI subsystem.
4.27.4.3.2
Port C
This port is associated with the D2DI interface.
Port C pins PC1-0 can be used either for general-purpose I/O, or as the D2DI interrupt input and D2DI clock output, respectively.
A pull-down device is enabled on pin PC1 if used as D2DI input.
The D2DI interrupt input is synchronized and has an asynchronous bypass in STOP mode to allow the generation of a wake-up
interrupt.
4.27.4.3.3
Port D
This port is exclusively associated with the D2DI interface and not available externally.
Port D pins PD7-0 can be used either for general-purpose I/O or with the D2DI data I/O. If the D2DI is enabled in 4-bit mode, pins
PD7-4 can be used with general purpose pin functionality.
Pull-down devices are enabled on all pins if used as D2DI inputs.
4.27.5
Initialization Information
4.27.5.1
Port Data and Data Direction Register writes
It is not recommended to write PTx and DDRx in a word access. When changing the register pins from inputs to outputs, the data
may have extra transitions during the write access. Initialize the port data register before enabling the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com