Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 171Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 172Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 173Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 174Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 175Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 176Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 177Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 178Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 335 page
background image
Functional Description and Application Information
Memory Mapping Control (S12SMMCV1)
MM912F634
Freescale Semiconductor
175
The user is advised to refer to the SoC Guide for port configuration and location of external bus signals. Some pins may not be
bonded out in all implementations.
Table 239 outlines the pin names and functions. It also provides a brief description of their operation.
4.28.2
Memory Map and Registers
4.28.2.1
Module Memory Map
A summary of the registers associated with the MMC block is shown in Figure 48. Detailed descriptions of the registers and bits
are given in the subsections that follow.
4.28.2.2
Register Descriptions
4.28.2.2.1
Program Page Index Register (PPAGE)
NOTE
Writes to this register using the special access of the CALL and RTC instructions will be
complete before the end of the instruction execution.
Read: Anytime
Write: Anytime
These four index bits are used to page 16 kByte blocks into the Flash page window located in the local (CPU or BDM) memory
map from address 0x8000 to address 0xBFFF (see Figure 49). This supports accessing up to 256 Kilobytes of Flash (in the
Table 239. External Input Signals Associated with the MMC
Signal
I/O
Description
Availability
MODC
I
Mode input
Latched after
RESET (active low)
Figure 48. MMC Register Summary
Address
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0
0x0030
PPAGE
R1
1
1
1
PIX3
PIX2
PIX1
PIX0
W
0x0031
DIRECT
R
DP15
DP14
DP13
DP12
DP11
DP10
DP9
DP8
W
0x0032
MODE
R
MODC
0
000
000
W
0x0033
MMCCTL1
R
0
0
000
00
IFRON
W
Table 240. Program Page Index Register (PPAGE)
Address: 0x0030
7
6
5
432
10
R1
1
1
1
PIX3
PIX2
PIX1
PIX0
W
Reset
1
1
111
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com