Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 172Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 173Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 174Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 175Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 176Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 177Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 178Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 179Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 335 page
background image
Functional Description and Application Information
Memory Mapping Control (S12SMMCV1)
MM912F634
Freescale Semiconductor
176
Global map) within the 64 kByte Local map. The PPAGE index register is effectively used to construct paged Flash addresses in
the Local map format. The CPU has special access to read and write this register directly, during execution of CALL and RTC
instructions.
Figure 49. PPAGE Address Mapping
The fixed 16 k page from 0x0000 to 0x3FFF is the page number 0xFC. Parts of this page are covered by Register and RAM
space. See SoC Guide for details.
The fixed 16 k page from 0x4000–0x7FFF is the page number 0xFD.
The reset value of 0xFE ensures that there is linear Flash space available between addresses 0x0000 and 0xFFFF out of reset.
The fixed 16 k page from 0xC000-0xFFFF is the page number 0xFF.
4.28.2.2.2
Direct Page Register (DIRECT)
Read: Anytime
Write: anytime in special modes, one time only in other modes.
This register determines the position of the 256 Byte direct page within the memory map.It is valid for both global and local
mapping scheme.
Table 241. PPAGE Field Descriptions
Field
Description
3–0
PIX[3:0]
Program Page Index Bits 3–0
— These page index bits are used to select which of the 256 FLASH or ROM array pages is
to be accessed in the Program Page Window.
Table 242. Direct Register (DIRECT)
Address: 0x0031
7
6
5
432
10
R
DP15
DP14
DP13
DP12
DP11
DP10
DP9
DP8
W
Reset
0
0
000
00
0
Bit14
Bit0
Address [13:0]
PPAGE Register [3:0]
Global Address [17:0]
Bit13
Bit17
Address: CPU Local Address
or BDM Local Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com