Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 178 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 178 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 174Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 175Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 176Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 177Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 178Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 179Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 180Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 181Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 182Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 335 page
background image
Functional Description and Application Information
Memory Mapping Control (S12SMMCV1)
MM912F634
Freescale Semiconductor
178
4.28.2.2.3
Mode Register (MODE)
Read: Anytime.
Write: Only if a transition is allowed (see Figure 51).
The MODC bit of the MODE register is used to establish the MCU operating mode.
Figure 51. Mode Transition Diagram when MCU is Unsecured
Table 244. Mode Register (MODE)
Address: 0x0032
7
6
5
432
10
R
MODC
0
000
00
0
W
Reset
MODC(161)
0
000
00
0
Note:
161. External signal (see Table 239).
Table 245. MODE Field Descriptions
Field
Description
7
MODC
Mode Select Bit
— This bit controls the current operating mode during RESET high (inactive). The external mode pin MODC
determines the operating mode during RESET low (active). The state of the pin is registered into the respective register bit
after the RESET signal goes inactive (see Figure 51).
Write restrictions exist to disallow transitions between certain modes. Figure 51 illustrates all allowed mode changes.
Attempting non authorized transitions will not change the MODE bit, but it will block further writes to the register bit except in
special modes.
Changes of operating modes are not allowed when the device is secured, but it will block further writes to the register bit except
in special modes.
Normal
Single-Chip
1
Special
Single-Chip
0
RESET
(SS)
0
RESET
1
(NS)
RESET
Transition done by external pins (MODC)
Transition done by write access to the MODE register
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com