Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 177Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 178Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 179Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 180Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 181Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 182Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 183Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 184Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 335 page
background image
Functional Description and Application Information
Memory Mapping Control (S12SMMCV1)
MM912F634
Freescale Semiconductor
181
Figure 53. BDMPPR Address Mapping
4.28.3.2.3
Implemented Memory Map
The global memory spaces reserved for the internal resources (RAM and FLASH) are not determined by the MMC module. Size
of the individual internal resources are however fixed in the design of the device cannot be changed by the user. Refer to the
Device User Guide for further details. Figure 44 and Table 247 show the memory spaces occupied by the on-chip resources. Note
that the memory spaces have fixed top addresses.
BDM HARDWARE COMMAND
BDM FIRMWARE COMMAND
Bit14
Bit0
BDM Local Address [13:0]
BDMPPR Register [3:0]
Global Address [17:0]
Bit13
Bit17
Bit14
Bit0
CPU Local Address [13:0]
BDMPPR Register [3:0]
Global Address [17:0]
Bit13
Bit17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com