Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 182 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 182 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 178Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 179Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 180Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 181Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 182Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 183Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 184Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 185Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 335 page
background image
Functional Description and Application Information
Memory Mapping Control (S12SMMCV1)
MM912F634
Freescale Semiconductor
182
In single-chip modes accesses by the CPU (except for firmware commands) to any of the unimplemented areas (see Figure 44)
will result in an illegal access reset (system reset). BDM accesses to the unimplemented areas are allowed but the data will be
undefined.
No misaligned word access from the BDM module will occur; these accesses are blocked in the BDM module (Refer to BDM
Block Guide).
Table 247. Global Implemented Memory Space
Internal Resource
Bottom Address
Top Address
Registers
0x0_0000
0x0_03FF
IFR
(if MMCCTL1.IFRON == 1’b1)
0x0_0400
0x0_047F
Unimplemented
(if MMCCTL1.IFRON == 1’b0)
Unimplemented
0x0_0480
0x0_07FF
RAM
0x0_0800
RAM_HIGH =
0x0_07FF plus RAMSIZE(162)
FLASH
FLASH_LOW =
0x4_0000 minus FLASHSIZE(163)
0x3_FFFF
Note:
162. RAMSIZE is the hexadecimal value of RAM SIZE in bytes.
163. FLASHSIZE is the hexadecimal value of FLASH SIZE in bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com