Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 186 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 186 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 182Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 183Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 184Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 185Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 186Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 187Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 188Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 189Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 335 page
background image
Functional Description and Application Information
Memory Mapping Control (S12SMMCV1)
MM912F634
Freescale Semiconductor
186
4.28.4
Initialization/Application Information
4.28.4.1
CALL and RTC Instructions
CALL and RTC instructions are not interruptable CPU instructions that automate page switching in the program page window.
The CALL instruction is similar to the JSR instruction, but the subroutine that is called can be located anywhere in the local
address space or in any Flash or ROM page visible through the program page window. The CALL instruction calculates and
stacks a return address, stacks the current PPAGE value and writes a new instruction-supplied value to the PPAGE register. The
PPAGE value controls which of the 256 possible pages is visible through the 16 kbyte program page window in the 64 kbyte local
CPU memory map. Execution then begins at the address of the called subroutine.
During the execution of the CALL instruction, the CPU performs the following steps:
1.
Writes the current PPAGE value into an internal temporary register and writes the new instruction-supplied PPAGE
value into the PPAGE register
2.
Calculates the address of the next instruction after the CALL instruction (the return address) and pushes this 16-bit value
onto the stack
3.
Pushes the temporarily stored PPAGE value onto the stack
4.
Calculates the effective address of the subroutine, refills the queue and begins execution at the new address
This sequence is not interruptable. There is no need to inhibit interrupts during the CALL instruction execution. A CALL instruction
can be performed from any address to any other address in the local CPU memory space.
The PPAGE value supplied by the instruction is part of the effective address of the CPU. For all addressing mode variations
(except indexed-indirect modes) the new page value is provided by an immediate operand in the instruction. In indexed-indirect
variations of the CALL instruction a pointer specifies memory locations where the new page value and the address of the called
subroutine are stored. Using indirect addressing for both the new page value and the address within the page allows usage of
values calculated at run time rather than immediate values that must be known at the time of assembly.
The RTC instruction terminates subroutines invoked by a CALL instruction. The RTC instruction unstacks the PPAGE value and
the return address and refills the queue. Execution resumes with the next instruction after the CALL instruction.
During the execution of an RTC instruction the CPU performs the following steps:
1.
Pulls the previously stored PPAGE value from the stack
2.
Pulls the 16-bit return address from the stack and loads it into the PC
3.
Writes the PPAGE value into the PPAGE register
4.
Refills the queue and resumes execution at the return address
This sequence is uninterruptable. The RTC can be executed from anywhere in the local CPU memory space.
The CALL and RTC instructions behave like JSR and RTS instruction, they however require more execution cycles. Usage of
JSR/RTS instructions is therefore recommended when possible and CALL/RTC instructions should only be used when needed.
The JSR and RTS instructions can be used to access subroutines that are already present in the local CPU memory map (i.e. in
the same page in the program memory page window for example). However calling a function located in a different page requires
usage of the CALL instruction. The function must be terminated by the RTC instruction. Because the RTC instruction restores
contents of the PPAGE register from the stack, functions terminated with the RTC instruction must be called using the CALL
instruction even when the correct page is already present in the memory map. This is to make sure that the correct PPAGE value
will be present on stack at the time of the RTC instruction execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com