Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 183Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 184Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 185Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 186Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 187Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 188Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 189Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 190Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 335 page
background image
Functional Description and Application Information
Interrupt Module (S12SINTV1)
MM912F634
Freescale Semiconductor
187
4.29
Interrupt Module (S12SINTV1)
4.29.1
Introduction
The 9S12I32PIMV1 module decodes the priority of all system exception requests and provides the applicable vector for
processing the exception to the CPU. The 9S12I32PIMV1 module supports:
•
I bit and X bit maskable interrupt requests
•
A non-maskable unimplemented opcode trap
•
A non-maskable software interrupt (SWI) or background debug mode request
•
Three system reset vector requests
•
A spurious interrupt vector
Each of the I bit maskable interrupt requests is assigned to a fixed priority level.
4.29.1.1
Glossary
CCR — Condition Code Register (in the CPU)
ISR — Interrupt Service Routine
MCU — Micro-controller Unit
4.29.1.2
Features
•
Interrupt vector base register (IVBR)
•
One spurious interrupt vector (at address vector base + 0x0080). The vector base is a 16-bit address which is
accumulated from the contents of the interrupt vector base register (IVBR, used as upper byte) and 0x00 (used as lower
byte).
•
2–58 I bit maskable interrupt vector requests (at addresses vector base + 0x0082–0x00F2).
•
I bit maskable interrupts can be nested.
•
One X bit maskable interrupt vector request (at address vector base + 0x00F4).
•
One non-maskable software interrupt request (SWI) or background debug mode vector request (at address vector base
+ 0x00F6).
•
One non-maskable unimplemented opcode trap (TRAP) vector (at address vector base + 0x00F8).
•
Three system reset vectors (at addresses 0xFFFA–0xFFFE).
•
Determines the highest priority interrupt vector requests, drives the vector to the bus on CPU request
•
Wakes up the system from stop or wait mode when an appropriate interrupt request occurs.
4.29.1.3
Modes of Operation
•Run mode
This is the basic mode of operation.
•
Wait mode
In wait mode, the clock to the 9S12I32PIMV1 module is disabled. The 9S12I32PIMV1 module is however capable of
waking up the CPU from wait mode if an interrupt occurs. Please refer to Section 4.29.5.3, “Wake-up from Stop or Wait
Mode"” for details.
•
Stop mode
In stop mode, the clock to the 9S12I32PIMV1 module is disabled. The 9S12I32PIMV1 module is however capable of
waking up the CPU from stop mode if an interrupt occurs. Please refer to Section 4.29.5.3, “Wake-up from Stop or Wait
Mode"” for details.
•
Freeze mode (BDM active)
In freeze mode (BDM active), the interrupt vector base register is overridden internally. Please refer to
Section 4.29.3.1.1, “Interrupt Vector Base Register (IVBR)"” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com