Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 191 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 191 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 187Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 188Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 189Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 190Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 191Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 192Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 193Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 194Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 195Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 335 page
background image
Functional Description and Application Information
Interrupt Module (S12SINTV1)
MM912F634
Freescale Semiconductor
191
4.29.5.3
Wake-up from Stop or Wait Mode
4.29.5.3.1
CPU Wake-up from Stop or Wait Mode
Every I bit maskable interrupt request is capable of waking the MCU from stop or wait mode. To determine whether an I bit
maskable interrupts is qualified to wake-up the CPU or not, the same conditions as in normal run mode are applied during stop
or wait mode:
•
If the I bit in the CCR is set, all I bit maskable interrupts are masked from wake-up the MCU.
Since there are no clocks running in stop mode, only interrupts which can be asserted asynchronously can wake-up the MCU
from stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com