Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 195 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 195 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 191Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 192Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 193Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 194Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 195Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 196Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 197Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 198Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 199Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 335 page
background image
Functional Description and Application Information
Background Debug Module (S12SBDMV1)
MM912F634
Freescale Semiconductor
195
4.30.3.2.1
BDM Status Register (BDMSTS)
4.30.3.2.2
BDM Status Register (BDMSTS)
NOTE
When BDM is made active, the CPU stores the content of its CCR register in the BDMCCR
register. However, out of special single-chip reset, the BDMCCR is set to 0xD8 and not
0xD0, which is the reset value of the CCR register in this CPU mode. Out of reset in all other
modes, the BDMCCR register is read zero.
Read: All modes through BDM operation when not secured
Write: All modes through BDM operation when not secured, but subject to the following:
— ENBDM should only be set via a BDM hardware command if the BDM firmware commands are needed. (This does
not apply in special single chip mode).
— BDMACT can only be set by BDM hardware upon entry into BDM. It can only be cleared by the standard BDM
firmware lookup table upon exit from BDM active mode.
— All other bits, while writable via BDM hardware or standard BDM firmware write commands, should only be altered
by the BDM hardware or standard firmware lookup table as part of BDM command execution.
0x3_FF08
BDMPPR
R
BPAE
000
BPP3
BPP2
BPP1
BPP0
W
0x3_FF09
Reserved
R
0000000
0
W
0x3_FF0A
Reserved
R
0000000
0
W
0x3_FF0B
Reserved
R
0000000
0
W
Table 251. Register Global Address 0x3_FF01
765
43210
R
ENBDM
BDMACT
0
SDV
TRACE
0
UNSEC
0
W
Reset
Special Single-Chip Mode
0(165)
1
00
0
0
0(166)
0
All Other Modes
0
0
00
0
0
0
0
Note:
165. ENBDM is read as 1 by a debugging environment in special single chip mode when the device is not secured or secured but fully erased
(Flash). This is because the ENBDM bit is set by the standard firmware before a BDM command can be fully transmitted and executed.
166. UNSEC is read as 1 by a debugging environment in special single chip mode when the device is secured and fully erased, else it is 0
and can only be read if not secure (see also bit description).
Figure 60. BDM Register Summary (continued)
Global
Address
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com