Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 196 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 196 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 192Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 193Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 194Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 195Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 196Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 197Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 198Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 199Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 200Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 335 page
background image
Functional Description and Application Information
Background Debug Module (S12SBDMV1)
MM912F634
Freescale Semiconductor
196
Read: All modes through BDM operation when not secured
Write: All modes through BDM operation when not secured
When entering background debug mode, the BDM CCR holding register is used to save the condition code register of the user’s
program. It is also used for temporary storage in the standard BDM firmware mode. The BDM CCR holding register can be written
to modify the CCR value.
Table 252. BDMSTS Field Descriptions
Field
Description
7
ENBDM
Enable BDM
— This bit controls whether the BDM is enabled or disabled. When enabled, BDM can be made active to allow
firmware commands to be executed. When disabled, BDM cannot be made active but BDM hardware commands are still
allowed.
0 BDM disabled
1 BDM enabled
Note:
ENBDM is set by the firmware out of reset in special single chip mode. In special single-chip mode with the device
secured, this bit will not be set by the firmware until after the Flash erase verify tests are complete.
6
BDMACT
BDM Active Status
— This bit becomes set upon entering BDM. The standard BDM firmware lookup table is then enabled
and put into the memory map. BDMACT is cleared by a carefully timed store instruction in the standard BDM firmware as part
of the exit sequence to return to user code and remove the BDM memory from the map.
0 BDM not active
1 BDM active
4
SDV
Shift Data Valid
— This bit is set and cleared by the BDM hardware. It is set after data has been transmitted as part of a
firmware or hardware read command or after data has been received as part of a firmware or hardware write command. It is
cleared when the next BDM command has been received or BDM is exited. SDV is used by the standard BDM firmware to
control program flow execution.
0 Data phase of command not complete
1 Data phase of command is complete
3
TRACE
TRACE1 BDM Firmware Command is Being Executed
— This bit gets set when a BDM TRACE1 firmware command is first
recognized. It will stay set until BDM firmware is exited by one of the following BDM commands: GO or GO_UNTIL(166).
0 TRACE1 command is not being executed
1 TRACE1 command is being executed
1
UNSEC
Unsecure
— If the device is secured this bit is only writable in special single-chip mode from the BDM secure firmware. It is
in a zero state as secure mode is entered so that the secure BDM firmware lookup table is enabled and put into the memory
map overlapping the standard BDM firmware lookup table.
The secure BDM firmware lookup table verifies that the on-chip Flash is erased. This being the case, the UNSEC bit is set and
the BDM program jumps to the start of the standard BDM firmware lookup table and the secure BDM firmware lookup table is
turned off. If the erase test fails, the UNSEC bit will not be asserted.
0 System is in a secured mode.
1 System is in a unsecured mode.
Note:
When UNSEC is set, security is off and the user can change the state of the secure bits in the on-chip Flash EEPROM.
Note that if the user does not change the state of the bits to “unsecured” mode, the system will be secured again when
it is next taken out of reset. After reset this bit has no meaning or effect when the security byte in the Flash EEPROM
is configured for unsecure mode.
Table 253. BDM CCR Holding Register (BDMCCR)
Register Global Address
0x3_FF06
765
43210
R
CCR7
CCR6
CCR5
CCR4
CCR3
CCR2
CCR1
CCR0
W
Reset
Special Single-chip Mode
1
1
0
0
1
0
0
0
All Other Modes
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com