Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 197 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 197 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 193Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 194Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 195Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 196Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 197Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 198Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 199Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 200Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 201Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 335 page
background image
Functional Description and Application Information
Background Debug Module (S12SBDMV1)
MM912F634
Freescale Semiconductor
197
4.30.3.2.3
BDM Program Page Index Register (BDMPPR)
Read: All modes through BDM operation when not secured
Write: All modes through BDM operation when not secured
4.30.3.3
Family ID Assignment
The family ID is a 8-bit value located in the firmware ROM (at global address: 0x3_FF0F). The read-only value is a unique family
ID which is 0xC2 for devices with HCS12S core.
4.30.4
Functional Description
The BDM receives and executes commands from a host via a single wire serial interface. There are two types of BDM commands:
hardware and firmware commands.
Hardware commands are used to read and write target system memory locations and to enter active background debug mode,
see Section 4.30.4.3, “BDM Hardware Commands"”. Target system memory includes all memory that is accessible by the CPU.
Firmware commands are used to read and write CPU resources and to exit from active background debug mode, see
Section 4.30.4.4, “Standard BDM Firmware Commands"”. The CPU resources referred to are the accumulator (D), X index
register (X), Y index register (Y), stack pointer (SP), and program counter (PC).
Hardware commands can be executed at any time and in any mode excluding a few exceptions as highlighted (see
Section 4.30.4.3, “BDM Hardware Commands"”), and in secure mode (see Section 4.30.4.1, “Security"”). Firmware commands
can only be executed when the system is not secure and is in active background debug mode (BDM).
Table 254. BDM Program Page Register (BDMPPR)
Register Global
Address 0x3_FF08
76
54
32
10
R
BPAE
00
0
BPP3
BPP2
BPP1
BPP0
W
Reset
0
0
0
0
0
0
0
0
Table 255. BDMPPR Field Descriptions
Field
Description
7
BPAE
BDM Program Page Access Enable Bit
— BPAE enables program page access for BDM hardware and firmware read/write
instructions. The BDM hardware commands used to access the BDM registers (READ_BD and WRITE_BD), and can not be
used for global accesses even if the BGAE bit is set.
0 BDM Program Paging disabled
1 BDM Program Paging enabled
3–0
BPP[3:0]
BDM Program Page Index Bits 3–0
— These bits define the selected program page. For more detailed information regarding
the program page window scheme, refer to the S12S_MMC Block Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com