Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 201 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 201 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 197Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 198Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 199Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 200Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 201Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 202Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 203Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 204Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 205Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 335 page
background image
Functional Description and Application Information
Background Debug Module (S12SBDMV1)
MM912F634
Freescale Semiconductor
201
4.30.4.5
BDM Command Structure
NOTE
If the bus rate of the target processor is unknown or could be changing, it is recommended
that the ACK (acknowledge function) is used to indicate when an operation is complete.
When using ACK, the delay times are automated.
Hardware and firmware BDM commands start with an 8-bit opcode followed by a 16-bit address and/or a 16-bit data word
depending on the command. All the read commands return 16-bits of data despite the byte or word implication in the command
name.
8-bit reads return 16-bits of data, of which, only one byte will contain valid data. If reading an
even address, the valid data will appear in the MSB. If reading an odd address, the valid data
will appear in the LSB.
16-bit misaligned reads and writes are generally not allowed. If attempted by BDM hardware
command, the BDM will ignore the least significant bit of the address and will assume an
even address from the remaining bits.
For hardware data read commands, the external host must wait at least 150 bus clock cycles after sending the address before
attempting to obtain the read data. This is to be certain that valid data is available in the BDM shift register, ready to be shifted
out. For hardware write commands, the external host must wait 150 bus clock cycles after sending the data to be written before
attempting to send a new command. This is to avoid disturbing the BDM shift register before the write has been completed. The
150 bus clock cycle delay in both cases includes the maximum 128 cycle delay that can be incurred as the BDM waits for a free
cycle before stealing a cycle.
For firmware read commands, the external host should wait at least 48 bus clock cycles after sending the command opcode and
before attempting to obtain the read data. The 48 cycle wait allows enough time for the requested data to be made available in
the BDM shift register, ready to be shifted out.
For firmware write commands, the external host must wait 36 bus clock cycles after sending the data to be written before
attempting to send a new command. This is to avoid disturbing the BDM shift register before the write has been completed.
The external host should wait at least for 76 bus clock cycles after a TRACE1 or GO command before starting any new serial
command. This is to allow the CPU to exit gracefully from the standard BDM firmware lookup table and resume execution of the
user code. Disturbing the BDM shift register prematurely may adversely affect the exit from the standard BDM firmware lookup
table.
Figure 61 represents the BDM command structure. The command blocks illustrate a series of eight bit times starting with a falling
edge. The bar across the top of the blocks indicates that the BKGD line idles in the high state. The time for an 8-bit command is
8
× 16 target clock cycles. Target clock cycles are cycles measured using the target MCU’s serial clock rate. See Section 4.30.4.6,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com