Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 202 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 198Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 199Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 200Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 201Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 202Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 203Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 204Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 205Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 335 page
background image
Functional Description and Application Information
Background Debug Module (S12SBDMV1)
MM912F634
Freescale Semiconductor
202
“BDM Serial Interface"” and Section 4.30.3.2.1, “BDM Status Register (BDMSTS)"” for information on how serial clock rate is
selected.
Figure 61. BDM Command Structure
4.30.4.6
BDM Serial Interface
The BDM communicates with external devices serially via the BKGD pin. During reset, this pin is a mode select input which
selects between normal and special modes of operation. After reset, this pin becomes the dedicated serial interface pin for the
BDM.
The BDM serial interface is timed based on DCO clock or external reference clock depending on the configuration used (refer to
the CRG Block Guide for more details), which gets divided by five. This clock will be referred to as the target clock in the following
explanation.
The BDM serial interface uses a clocking scheme in which the external host generates a falling edge on the BKGD pin to indicate
the start of each bit time. This falling edge is sent for every bit whether data is transmitted or received. Data transfers the most
significant bit (MSB) first at 16 target clock cycles per bit. The interface times out if 512 clock cycles occur between the falling
edges from the host. The BKGD pin is a pseudo open-drain pin and has an weak on-chip active pull-up that is enabled at all
times. It is assumed that there is an external pull-up and that drivers connected to BKGD do not typically drive the high level.
Since R-C rise time could be unacceptably long, the target system and host provide brief driven high (speedup) pulses to drive
BKGD to a logic 1. The source of this speedup pulse is the host for transmit cases and the target for receive cases.
The timing for host-to-target is shown in Figure 62 and that of target-to-host in Figure 63 and Figure 64. All four cases begin when
the host drives the BKGD pin low to generate a falling edge. Since the host and target are operating from separate clocks, it can
take the target system up to one full clock cycle to recognize this edge. The target measures delays from this perceived start of
the bit time while the host measures delays from the point it actually drove BKGD low to start the bit up to one target clock cycle
earlier. Synchronization between the host and target is established in this manner at the start of every bit time.
Figure 62 shows an external host transmitting a logic 1 and transmitting a logic 0 to the BKGD pin of a target system. The host
is asynchronous to the target, so there is up to a one clock-cycle delay from the host-generated falling edge to where the target
recognizes this edge as the beginning of the bit time. Ten target clock cycles later, the target senses the bit level on the BKGD
Hardware
Hardware
Firmware
Firmware
GO,
48-BC
BC = Bus Clock Cycles
Command
Address
150-BC
Delay
Next
DELAY
8 Bits
AT ~16 TC/Bit
16 Bits
AT ~16 TC/Bit
16 Bits
AT ~16 TC/Bit
Command
Address
Data
Next
Data
Read
Write
Read
Write
TRACE
Command
Next
Command
Data
76-BC
Delay
Next
Command
150-BC
Delay
36-BC
DELAY
Command
Command
Command
Command
Data
Next
Command
TC = Target Clock Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com