Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 173 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 173 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 169Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 170Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 171Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 172Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 173Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 174Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 175Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 176Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 177Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 335 page
background image
Functional Description and Application Information
Memory Mapping Control (S12SMMCV1)
MM912F634
Freescale Semiconductor
173
4.28
Memory Mapping Control (S12SMMCV1)
4.28.1
Introduction
This section describes the functionality of the module mapping control (MMC) sub-block of the S12S platform. The block diagram
of the MMC is shown in Figure 47.
The MMC module controls the multi-master priority accesses (BDM and CPU), the selection of internal resources. Internal buses,
including internal memories and peripherals, are controlled in this module. The local address space for each master is translated
to a global memory space using the PPAGE register.
4.28.1.1
Terminology
4.28.1.2
Features
The main features of this block are:
•
Paging capability to support a global 256 Kilobytes memory address space
•
Bus arbitration between the masters CPU, BDM to different resources (internal and peripherals). Note: resources are
also called targets.
•
MCU operation mode control
•
MCU security control
•
Separate memory map schemes for each master CPU, BDM
•
Generation of system reset when CPU accesses an unimplemented address (i.e., an address which does not belong
to any of the on-chip modules) in single-chip modes
Table 238. Acronyms and Abbreviations
Logic level “1”
Voltage that corresponds to Boolean true state
Logic level “0”
Voltage that corresponds to Boolean false state
0x
Represents hexadecimal number
x
Represents logic level ’don’t care’
byte
8-bit data
word
16-bit data
local address
based on the 64 Kilobytes Memory Space (16-bit address)
global address
based on the 256 Kilobytes Memory Space (18-bit address)
Aligned address
Address on even boundary
Mis-aligned address
Address on odd boundary
Bus Clock
System Clock. Refer to CRG Block Guide.
single-chip modes
Normal Single-chip mode
Special Single-chip mode
normal modes
Normal Single-chip mode
special modes
Special Single-chip mode
NS
Normal Single-chip mode
SS
Special Single-chip mode
Unimplemented areas
Areas which are accessible by the PPAGE, and not implemented
MCU
Micro-Controller Unit
NVM
Non-volatile Memory; Flash EEPROM or ROM
IFR
NVM Information Row. Refer to FTSR Block Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com