Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 163Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 164Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 165Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 166Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 167Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 168Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 169Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 170Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 335 page
background image
Functional Description and Application Information
Port Integration Module (9S12I32PIMV1)
MM912F634
Freescale Semiconductor
167
4.27.3.5
Port C Data Register (PTC)
4.27.3.6
Port D Data Register (PTD)
Table 223. Port C Data Register (PTC)
Address 0x0004
Access: User read/write(151)
76
543
210
R
0
0
0
00
0
PTC1
PTC0
W
D2DI
Function
——
———
—
D2DINT
D2DCLK
Reset
0
000
00
00
Note:
151. Read: Anytime.
Write: Anytime.
Table 224. PTC Register Field Descriptions
Field
Description
1
PTC
Port C general purpose input/output data
—Data Register
Port C pin 1 is associated with the D2DINT signal of the D2DI module.
When not used with the alternative function, this pin can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the buffered and
synchronized pin input state is read.
0
PTC
Port C general purpose input/output data
—Data Register
Port C pin 0 is associated with the D2DCLK signal of the D2DI module.
When not used with the alternative function, this pin can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the buffered and
synchronized pin input state is read.
Table 225. Port D Data Register (PTD)
Address 0x0005
Access: User read/write(152)
76
543
210
R
PTD7
PTD6
PTD5
PTD4
PTD3
PTD2
PTD1
PTD0
W
D2DI
Function
D2DDAT7
D2DDAT6
D2DDAT5
D2DDAT4
D2DDAT3
D2DDAT2
D2DDAT1
D2DDAT0
Reset
0
000
00
00
Note:
152. Read: Anytime.
Write: Anytime.
Table 226. PTD Register Field Descriptions
Field
Description
7-0
PTD
Port D general purpose input/output data
—Data Register
Port D pins 7 through 0 are associated with the D2DI data signals of the D2DI module if enabled in 8-bit mode.
Port D pins 3 through 0 are associated with the D2DI data signals of the D2DI module if enabled in 4-bit mode.
When not used with the alternative function, these pins can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the buffered and
synchronized pin input state is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com