Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 103 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 99Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 100Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 101Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 102Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 103Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 104Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 105Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 106Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 125 page
background image
16
16
1
VIN1
* VOUT1
1
2
m
OEC
VIN1
* VOUT1 *
5
m
5
2
æ
ö
- ç ÷
æ
ö
æ
ö
è
ø
=
=
-
ç
÷
ç
÷
è
ø
è
ø
16
16
1
5
1
GEC
1 *
1 *2
m
m
5
2
æ
ö
æ
ö
æ
ö
=
-
=
-
ç
÷
ç
÷
ç
÷
æ
ö
è
ø
è
ø
è
ø
ç
÷
è
ø
103
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
(14)
NOTE
The final GEC should be an 8-bit 2's-complement value in the range –128 to +127
after discarding the upper 8 bits of the 16-bit value. Values exceeding this are suspect
and probably indicate an error. If using such a value, saturate (–128 or +127) the
resulting 8-bit value and correct the sign as necessary.
This gain adjustment is input dependent—A correction of 9 mV at full-scale input,
results in a correction of 4.5 mV at half-scale input.
5. Write the 8-bit value to the VSGAIN register.
6. Perform the steps in Offset Error Correction.
8.1.3.2.2
Offset Error Correction
Offset Error Correction: –9.77 mV to 9.69 mV in 255 steps (8 bits) in register VSOFFSET
Procedure: (Use m, VIN1, and VOUT1 from the Gain Error Correction procedure.)
1. Find the offset error correction (OEC).
(15)
NOTE
The final OEC should be an 8-bit 2's-complement value in the range –128 to +127 after
discarding the upper 8-bits of the 16-bit value. Values exceeding this are suspect and
probably indicate an error. If such a value must be used, the resulting 8-bit value should
be saturated (–128 or +127) and sign corrected as necessary.
2. Write the 8-bit value to the VSOFFSET register.
3. Save the new values to EEPROM by setting DEV_CTRL[WRITE_EEPROM], after setting the appropriate
values for MAGIC1 and MAGIC2. The EEPROM checksum will also require re-calculation and saving due to
this (or any) change.
8.1.3.3 AUX Channel Post-Assembly Calibration Adjustment
Using post-assembly calibration adjustment can also improve the AUX channel accuracy further after exposure
to soldering and/or bake cycles in the manufacturing process. The process is similar to the steps for the
VSENSE channel correction, with three differences:
•
AUX channels only have offset correction, there is no gain correction.
•
Each AUX channel has an individual offset correction register, rather than a single global correction.
•
The correction range has an extension from –39.06 mV to 38.99 mV in 1023 steps (10 bits).
Perform the correction procedures at room temperature (RT) using a stable, high-accuracy DC source and / or
voltmeter. The registers contain 10-bit, signed, 2's-complement values. A zero value in any register indicates no
correction. Each correction measures two voltage points. The procedure can use the expected minimum and
maximum values for the cell. However, the lowest VINMIN value should be greater than or equal to 2.0 V and the
highest VINMAX should be less than or equal to 4.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com