Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 104 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 100Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 101Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 102Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 103Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 104Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 105Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 106Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 107Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 125 page
background image
16
16
1
VINn
* VOUTn
1
2
m
AOCn
VINn
* VOUTn *
5
m
5
2
æ
ö
- ç ÷
æ
ö
æ
ö
è
ø
=
=
-
ç
÷
ç
÷
è
ø
è
ø
104
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
Although the bq76PL455A does not provide AUX gain error correction, the host microcontroller can perform the
required correction using the slope value calculated as part of the GEC for the VSENSE channels. The
procedure can use the value stored in VSGAIN or a different value stored separately in one of the SCRATCH
registers of the bq76PL455A. If the procedure uses a value stored in the bq76PL455A, this permits the value to
follow the device in distributed systems. Optionally, the microcontroller memory can store the value. Because
gain error corrections are primarily correcting for VREF errors, a single-gain error correction for the AUX
channels is sufficient.
AUX Offset Error Correction: –39.06 mV to 38.99 mV in 1023 steps (10 bits) in registers AX0OFFSET through
AX7OFFSET, one 16-bit register per AUX input channel.
Procedure: (use m from the VSENSE Gain Error Correction procedure, or recalculate separately using any AUX
channel, as desired)
1. Apply voltage VINn, read back from ADC VOUTn, where 'n' is the AUX channel number. Record both values.
2. Find the AUX offset correction (AOC). This is the same formula used for the VSENSE offset correction
(OEC,) but a larger adjustment range is possible.
(16)
NOTE
The final AOC should be a 10-bit 2's-complement value in the range –512 to +511 after
discarding the upper 6-bits of the 16-bit value. Values exceeding this are suspect and
probably indicate an error. If such a value must be used, the resulting 10-bit value should
be saturated (–512 or +511) and sign corrected as necessary.
3. Write the 10-bit value to the 16-b AXnOFFSET register, where n is the AUX channel number.
4. Repeat steps 1–3 for each AUX channel 0–7.
5. Save the new values to EEPROM by setting DEV_CTRL[WRITE_EEPROM], after setting the appropriate
values for MAGIC1 and MAGIC2. The EEPROM checksum will also require re-calculation and saving due to
this (or any) change.
8.1.4 Device Addressing
8.1.4.1 Using a Stored Address
As part of the reset process, the EEPROM restores the value in ADDR. If DEVCONFIG[ADDR_SEL] ==0, this
value is overridden by the value sampled from the GPIOs.
8.1.4.2 GPIO Addressing
When DEVCONFIG[ADDR_SEL] ==0, the device uses the address sampled from GPIO[4:0] to set ADDR. The
address is sampled as part of the reset process or by setting DEV_CTRL[AUTO_ADDRESS].
8.1.4.3 Auto Addressing
Prior to using the Auto-Addressing function in a stack, all devices must be awake and ready for communication.
The steps necessary for this state are detailed elsewhere in this document, but typically require a few
milliseconds per device.
Very simple stacks consisting of a single device may use address 0x00 (or any other valid address) for the
device. The first device in stacks of more than one device may also use Address 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com