Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 108 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 104Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 105Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 106Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 107Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 108Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 109Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 110Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 111Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 125 page
background image
VSENSE16
GPIO4
RX
TX
FAULT_N
WAKEUP
VSENSE15
VSENSE14
VSENSE13
VSENSE12
VSENSE11
VSENSE10
VSENSE9
VSENSE8
VSENSE7
VSENSE6
VSENSE5
VSENSE4
VSENSE3
VSENSE2
VSENSE1
VSENSE0
VSENSE16
VSENSE15
VSENSE14
VSENSE13
VSENSE12
VSENSE11
VSENSE10
VSENSE9
VSENSE8
VSENSE7
VSENSE6
VSENSE5
VSENSE4
VSENSE3
VSENSE2
VSENSE1
VSENSE0
TOP
GND
TOPCELL
C43
0.1 µF
R120
100
Ÿ
C43
4.7 µF
C32
1 µF
VM
C38
390 pF
OUT1
OUT2
C39
0.1µF
C40
1.8 µF
VREF
200
Ÿ
R114
1
Ÿ
C46
0.1 µF
C47
1 µF
C33
0.022 µF
C41
4.7 µF
V5VAO
C44
0.1 µF
C45
1 µF
VIO
EQ16
EQ16
EQ15
EQ15
EQ14
EQ14
EQ13
EQ13
EQ12
EQ12
EQ11
EQ11
EQ10
EQ10
EQ9
EQ8
EQ9
EQ8
EQ7
EQ6
EQ7
EQ6
EQ5
EQ5
EQ4
EQ3
EQ4
EQ3
EQ2
EQ2
EQ1
EQ1
GPIO0
GPIO1
GPIO2
GPIO3
GPIO5
AUX7
AUX6
AUX5
AUX4
AUX3
AUX2
AUX1
AUX0
AUX0
AUX1
AUX2
AUX3
AUX4
AUX5
AUX6
AUX7
COMML
on next device
FAULTL
on next device
Only needed when an
additional device is used in
daisy chain applications
R16
10
Ÿ
R17
10
Ÿ
Z30
5 V
Z22
5 V
R18
10
Ÿ
R19
10
Ÿ
Z23
5 V
Z24
5 V
C25
1 F
C26
1 F
C27
1000 pF
C34
1000 pF
C29
1000 pF
C30
1000 pF
VDIG
C21
0.1 F
C34
1000 pF
Z28
5 V
Z27
5 V
R122
10
C35
1000 pF
Z26
5 V
R123
10
C36
1000 pF
Z25
5 V
R124
10
C37
1000 pF
COMMH Network
on Previous Device
FAULTH Network
on Previous Device
T3
T4
R112
200
Ÿ
R113
Q9
R115
1
Ÿ
D5
D6
R121
10
D7
D8
Copyright © 2016, Texas Instruments Incorporated
108
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 37. Additional Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com