Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 112 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 108Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 109Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 110Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 111Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 112Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 113Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 114Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 115Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 125 page
background image
112
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Initialization Set Up (continued)
8.3.2 Device Setup/User Configuration Summary
An abbreviated version of starting up a stack of devices is described. Many more details are available in the
bq76PL455A-Q1 Software Design Reference (SLVA617), including validated communications sequences.
1. Set an address for each device in the stack, using GPIO pins or Auto-Addressing.
(a) Make sure all devices are awake and are ready to receive the Auto-Address Enable command.
(b) Turn on the downstream communications drivers on all devices in the chain.
(c) Place all devices into Auto-Address learn mode.
(d) Send out new addresses to all possible bq76PL455A device addresses, in incrementing order starting at
zero.
(e) Read back the value stored in the Device Address register from each newly addressed device, starting at
address zero and proceeding sequentially. The last bq76PL455A to respond successfully is the last
device in the serial chain. Steps d and e may be shortened if the range of possible devices is known in
advance. Limit the number addressed to the expected quantity.
(f) Turn off the high-side communications receiver on the last (top-most) device in the chain.
(g) Turn off the single-ended transmitter on all but the lowest device in the chain.
(h) Starting at the top of the stack of devices, clear all existing faults. It is important to start clearing faults
from the top of the stack to prevent faults from higher units from re-enabling faults as they propagate
down the stack.
2. Configure the AFE (Channel Selections and Fault Thresholds)
Prior to reading voltages from daisy-chain networked devices, the AFE on each of the stacked devices
should be properly configured to scan the desired channels at the desired timing. Once each device has
been properly configured, reading voltages from each device can begin.
The following listed steps should be performed as a group for each stacked device, starting from the top
device, continuing through, and ending with the bottom-most device of the stack. Generally, this configuration
is done in advance during factory initialization and test and the desired configuration parameters are stored
in EEPROM on each device.
(a) Configure GPIO pins as required by your design
(b) Configure the initial sampling delay
(c) Configure voltage and internal sample intervals/periods
(d) Configure the oversampling rate
(e) Select number of cells and desired channels to sample
(f) Set overvoltage and undervoltage thresholds
(g) Check and clear faults, which may have occurred because of the configuration.
3. Reading Voltages from Daisy-Chain Networked Devices
When bq76PL455A devices are networked, wherein each device monitors a section of a stack of cells, it is
important to try to capture the voltages of each sub-stack as synchronously as possible. This snapshot can
be obtained if all devices in the stack are sampling in parallel.
Summary of Steps for Reading Voltages from Daisy-Chain Networked Devices
Broadcast a Sample and Send command to all devices in the network: this causes all devices to start
sampling in parallel, and, once the sampling is complete, the devices will respond in sequence, starting
at the highest address with the sampled data. Alternatively, the following two-step process could be
employed to similar effect:
(a) Broadcast a trigger to all devices in the network to start sampling the selected cell and auxiliary channels
and temperature.
(b) Query each device individually in sequence for the data collected during the last snapshot read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com