Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 115 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 111Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 112Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 113Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 114Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 115Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 116Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 117Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 118Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 125 page
background image
115
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Since the bq76PL455A measures small changes in voltage, care must be taken in the layout of signals to and
from the device to avoid coupling noise onto sensitive inputs. The layout of ground and power connections, as
well as communication signals should also be made carefully.
10.1.1 Grounding
The bq76PL455A has three analog ground pins: AGND1, AGND2, and AGND3. AGND1 is a general-purpose
analog ground associated with the integrated linear regulator controller VP, while AGND2 and AGND3 are quiet
analog grounds for the 2.5-V reference, ADC, AFE, and Secondary Protector (window comparators) circuitry. The
bq76PL455A device also has three DGND pins for the digital core and one CGND pin for the differential
communications I/Os.
Creation of a good ground plane in the layout is crucial to getting optimal performance from the part. A good
ground plane on a dedicated layer will improve measurement accuracy, reduce noise, and provide the necessary
ESD, EMI, and EMC performance. There is a strong recommendation to have a minimum of four layers in the
PCB, with one fully dedicated as an unbroken VSS plane (except thermal reliefs). Avoid placing tracks on this
layer to maintain the unbroken integrity of the plane structure.
All seven device grounds should connect to the ground plane with as short as possible track sections to minimize
the effects of stray inductance on noise performance.
If more than one bq76PL455A is included on a single PCB assembly, each will require its own plane in the area
surrounding the device. This is required because each device has its own VSS reference, often separated by
more than 60 V from VSS-to-VSS of adjacent ICs in the stack. These can exist on the same physical layer, with
correct separation to meet creepage and clearance requirements.
Although the plane is employed as a solid GND reference with all grounds connected to it, good layout practice
still requires locating any decoupling capacitors as close to the pin they are associated with as possible. This
reduces inductance and keeps the loop area as small as possible, which in turn keeps the capacitors as effective
as possible in reducing noise.
In this document, the reference term for combined grounds connected to the ground plane is ground or GND.
10.1.2 Differential Communications
The bq76PL455A uses two differential communications links to transmit signals between ICs in a stack.
Employing differential links provides superior noise immunity. The base device then translates the differential
signals back to a single-ended signal.
It is important to maintain the signal integrity of each differential pair to maximize immunity to interfering signals
from external sources.
1. Keep wires and PCB traces as short as possible. Do not exceed datasheet recommendations.
2. For any single-signal pair between two nodes (ICs), individual wires and traces should have the same length.
3. Unshielded, twisted-pair wiring is required for any cable runs.
4. Run PCB traces in parallel, on the same layer, without any other traces or planes in between. Long runs
should avoid noisy traces and/or be stitched at intervals similar to twisted-pair wire.
5. Use high-quality capacitors for voltage isolation between ICs and place in close physical proximity to each
other as part of the parallel-track layout.
10.2 Layout Example
To ensure the best possible accuracy performance, TI recommends to follow some basic layout guidelines for
the bq76PL455A to provide best EMI and BCI performance. The isolation caps must be placed close to the edge
of the board. The Common Mode Chokes must be close to the daisy-chain cable connector to provide a high-
impedance path to common-mode noise as it enters the board. Place the series resistors and TVS diodes next to
the bq76PL455A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com