Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 113 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 109Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 110Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 111Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 112Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 113Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 114Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 115Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 116Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 125 page
background image
GND
4.7 µF
50 V
C36
0.39
R23
1
150 V
Q17
ZXTN4004KTC
VP1
1.00
R78
1.00
R80
VP1
NPN_BASE
GND
1 µF
C40
BAT16
2512
200
R163
2512
200
R164
113
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The bq76PL455A is powered from the same cells it monitors. The bq76PL455A generates the additional VP and
VDIG supplies used in operation from this input. For best performance, use the following guidelines for
component selection.
9.1 NPN LDO Supply
VP1 is the input for the external LDO supply for the bq76PL455A. Figure 39 shows the typical circuit.
Figure 39. Power Supply Schematic
Select the NPN Transistor based on the following criteria:
1. Collector-Emitter Breakdown Voltage (BVCEO) > 100 V (or the module voltage plus any derating)
2. DC gain (β or approximately equal to hfe (AC gain)) > 100 at the expected load current
3. Collector-base capacitance < 35 pF at typical base-voltage range
4. Power handling > 500 mW (this assumes a 1-kΩ resistance in series with the collector)
5. Current handling > 100 mA
The series resistors R163 and R164 in Figure 39 serve several purposes:
1. Limit the current in the event of a fault
2. Shift some constant power dissipation in the regulator away from the transistor onto the resistor
3. Combine with the input capacitor on the transistor collector to serve as a filter
To calculate the required resistance, use Equation 17:
where
•
VCE(SAT) = VCE min at VBE(on), from transistor datasheet.
•
31mA is the bq79PL455A maximum inrush current at startup.
•
ILOAD is the expected current for any non-bq76PL455A external loads applied to the VP pin.
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com