Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 110 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 106Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 107Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 108Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 109Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 110Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 111Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 112Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 113Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 125 page
background image
VSENSE15
VSENSE16
VSENSE14
BAT16S_F
R16
75
Ÿ
R69
100
Ÿ
C16
Z16
6.2 V
BAT0
1
Q16
60 V
R15
75
Ÿ
R70
100 k
R88
2
NŸ
R76
C15
1
Q15
60 V
R22
100
NŸ
R89
2
NŸ
R24
100 V
1 F
BAT0
BAT15_F
BAT14_F
Z15
100 V
1 F
100
Ÿ
EQ16
100
Ÿ
EQ15
6.2 V
Copyright © 2016, Texas Instruments Incorporated
110
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 38. Cell Balancing Circuit
8.2.2.4 Balance FET
Select the Balance FET (Q15 and Q16) based on the following criteria:
1. The VDS must be selected based on derating requirements determined by the stack voltage.
2. VGS must be as large as possible and preferably have ESD protection from gate to source. This protects the
part during hot plug.
3. The VGS threshold is of concern only if the discharge resistors are going to be turned on at low-battery
voltages.
The 2V7002K is recommended because of its 60 VDS, ± 20 VGS, and the gate is ESD protected with an internal
zener diode.
RDS value is of little consideration with the discharge currents for this application.
Power dissipation of the FET will be a function of discharge current selected and the resistance value of FET at
that worst-case condition, usually at hot temperature. I2R will be the power dissipated. Take care in selecting size
if using very small packages.
The VGS resistor (R77 and R85) ensures that the gate of the FET is turned off and does not float into a linear or
on state causing excessive leakage currents on that cell in case of FET failure or PCB open.
A series resistor between the EQ pin and the FET gate limits current going into the FET during hot plug or other
transient events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com