Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 114 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 110Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 111Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 112Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 113Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 114Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 115Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 116Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 117Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 125 page
background image
114
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
NPN LDO Supply (continued)
Allowing for the lowest possible module voltage (VBAT min) of 12 V, using VP max = 5.5 V, VCE_SAT = 0.25 V
(from transistor datasheet) and maximum load current (bq76PL455A IACTIVE max + any additional load connected
to VP)
≈7 mA, results in R max ≈1.464 kΩ.
The R78 and R80 series resistors in the VDIG and VIO supplies (respectively) isolate large load capacitance
from the voltage regulator to help with loop stability.
Connect a filter on the VP supply (R23 and C36) for stability. Use R23 = 390 mΩ and C36 = 4.7 µF.
9.1.1 External Supply
The bq76PL455A also supports using an external supply for VDIG and VIO. Connect the external supply to these
inputs and disable the internal regulator by setting REG_DISABLE = 1 in DEVCONFIG register (address 14).
9.1.2 Handling of Supplies in Shutdown Mode
If the NPN circuit is not used (external supply), VP and VDIG should be turned off immediately after entering
SHUTDOWN mode. Removing the VP and VDIG supplies places the device in SHUTDOWN mode.
While in SHUTDOWN mode, VIO and any other external supply indirectly connected to the communication, fault,
GPIO and AUX inputs must be turned off or disabled to avoid back powering the device through internal ESD
structures. The bq76PL455A immediately enters reset when VIO is removed.
9.1.3 AFE Output RC Filter
The bq76PL455A AFE output requires an RC-filter circuit comprised of a 1-kΩ series resistor (internal to the
device) and an external capacitor on OUT1 (C44). OUT1 and OUT2 must be connected together externally. The
simple first-order RC filter provides a limited amount of noise filtering before the signal is converted by the
integrated ADC. Each input channel is converted sequentially according to the channel conversion time. For
example: ADC_PERIOD_VOL, programmed in register 62, see Register Maps, and the OUT1 and OUT2 voltage
must change quickly and settle to the new measured channel value within this time. The RC filter, while reducing
noise, slows the settling speed of the OUT1 and OUT2 voltage to the ADC and must be selected as a tradeoff
between noise cancellation and accuracy degradation. Selecting too much capacitance prevents OUT1 from
settling to the required accuracy within the programmed-channel conversion period.
Ideally, to maximize measurement accuracy, the AFE output must settle to within < 1/2 of the ADC LSB. The
worst case condition is one where the AFE output has to move the full range that is possible in the system. For
example, when an extreme imbalance condition exists or if there is a broken cell sense connection, the swing
may exceed 4.2 V. In typical conditions, where cell-to-cell variation is within 100 mV, the AFE output does not
need the extreme settling time when the new channel is selected. Select the capacitor value based on the
maximum channel-to-channel voltage transition and the actual available settling time, which is dependent on the
conversion period of the programmed channel and oversampling mode, if oversampling is programmed.
A value of 390 pF provides best accuracy with a 60-µS ADC conversion period and 8× oversampling (on the
same channel before changing channels – CMD_OVS_CYCLE = 0).
For help in selecting C44 for other sampling periods and modes or when it is desired to sample a mixture of
channel types (for example: temperature, internal test voltages as well as external cells), please contact Texas
Instruments through your FAE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com