Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 118 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 114Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 115Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 116Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 117Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 118Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 119Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 120Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 121Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 125 page
background image
118
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 Development Support
An evaluation module (EVM), with an associated PC-based Graphical User Interface (GUI) program, is available.
Please see Related Documentation for the reference numbers for the evaluation module and its associated
interface software.
11.1.2 Device-Specific Terminology
AFE
Analog front-end. A set of analog signal-conditioning circuitry that uses operational amplifiers and
filters to provide a configurable and flexible-electronics functional block, which is needed to
interface a variety of sensors to a microcontroller or an analog-to-digital converter.
Battery
A collection of series and parallel connected cells with a single set of high voltage (+) and (–)
outputs, which power the vehicle.
BIST
Built-in-Self-Test. A feature of the part allowing testing of critical and other blocks for correct
operation. Testing is user controlled and may include external components. Built-In Self Tests can
be used optionally as a diagnostic check of defined internal functions of the bq76PL455A-Q1.
BMS
Battery Monitor System (or battery management system), a system of bq76PL455A-Q1s connected
together and then to a microcontroller (µC) for measuring, monitoring, and controlling a stacked
series of cells forming a battery pack.
Cell
An individual cell or group of cells connected in parallel. Cells are connected to VSENSE inputs and
connected in series to form modules and stacks of cells to form a battery.
Daisy-Chain A series-connected string of monitoring devices, that is, bq76PL455A-Q1 devices communicating
to a base device by passing the communications signals through DC blocking devices and the
bq76PL455A-Q1 integrated circuits (ICs) in the string. In the case of the bq76PL455A-Q1, a
suitably rated capacitor is used as the DC block. A differential communications link is used to form
the daisy-chain of the bq76PL455A-Q1. “Daisy-chain” usually refers to just the communications
links, but is sometimes used to refer to the collection of devices and cells.
Differential-Signaling Differential signaling sends a digital signal and its complement simultaneously over a
pair of wires. The receiver is sensitive to the difference of the two signals, not the absolute
amplitude of either signal by itself. The wire pair is usually twisted so that any interfering signal
affects both equally as a common-mode signal. The result is that differential signaling offers much
higher common-mode rejection ratios (CMRR) than single-ended signals and results in much better
noise rejection.
LPF
Low Pass Filter made up of one or more R/C combinations where the resistor is in series with the
signal and the capacitor is on the load side and connected to “ground”. Each R/C element
contributes one time constant or tau.
Module
A collection of cells connected in series monitored by one bq76PL455A-Q1. This is typically 16
cells, but may be fewer as needed. Modules may be connected in series to form stacks and
complete battery packs. The bq76PL455A-Q1s are also typically connected in a series daisy-chain
to facilitate communications to a microcontroller.
Stack
A collection of modules of cells. Stack and battery are synonymous in most applications.
VCELL
The voltage from one cell or group of parallel connected cells, which is measured across two
VSENSE pins, for example, VSENSEn and VSENSEn-1.
VMODULE
The voltage from a collection of series connected cells forming a module. The voltage is measured
by the device from the TOP pin to GND.
VSTACK
The voltage from a collection of series connected cells forming a stack or battery pack. This is often
a high voltage. The voltage is not measured directly by the bq76PL455A-Q1, but may be calculated
by adding all of the individual cell voltages in the stack or by adding together all of the VMODULE
voltages in the stack. These should produce approximately the same value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com