Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 23 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 19Page - Texas Instruments AFEX82H1 Datasheet HTML 20Page - Texas Instruments AFEX82H1 Datasheet HTML 21Page - Texas Instruments AFEX82H1 Datasheet HTML 22Page - Texas Instruments AFEX82H1 Datasheet HTML 23Page - Texas Instruments AFEX82H1 Datasheet HTML 24Page - Texas Instruments AFEX82H1 Datasheet HTML 25Page - Texas Instruments AFEX82H1 Datasheet HTML 26Page - Texas Instruments AFEX82H1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 115 page
background image
6 Detailed Description
6.1 Overview
The AFEx82H1 feature a 16-bit (AFE882H1) or 14
‑bit (AFE782H1) string DAC with voltage output buffer. Both
devices have a buffered voltage output and are designed for use in three
‑wire or four-wire sensor transmitters
or analog output modules. The DAC has calibration registers for setting gain and offset values for adjusting the
DAC outputs. The DAC also has different output slewing modes that allow for a programmable linear slew and a
sinusoidal shaped output slew.
The AFEx82H1 also feature a 12
‑bit SAR ADC that can be multiplexed to measure different inputs, including
external nodes and internal nodes for diagnostic measurements on the device. The ADC is capable of making
direct-mode measurements with on-demand conversions or auto-mode measurements through continuous
conversions using a channel sequencer with a multiplexer. The devices have optional alarm configurations with
fault detection and alarm actions.
Device communication and programming are done through an SPI, SPI plus a UART interface, or through the
UART break mode (UBM). With the SPI, a cyclic redundancy check (CRC) is implemented by default, which can
be disabled. Additionally, communications can be monitored with a watchdog timer (WDT) that alerts the user if
the device becomes unresponsive to periodic communication.
For the field transmitter, a HART interface is created through modulation and demodulation using the SPI or
UART. The demodulation of the input signal is done using the combination of the external and internal band-pass
filtering.
The AFEx82H1 feature a 1.25-V, onboard precision voltage reference, and an integrated precision oscillator.
Throughout this data sheet, register and bit names are combined with a period to use the following format:
<register_name>.<bit_name>. For example, the CLR bit in the DAC_CFG register is labeled DAC_CFG.CLR.
6.2 Functional Block Diagram
MUX
12-Bit ADC
MUX
Internal
Diagnostics
Temperature
Sensor
AIN0
POL_SEL/AIN1
16-/14-Bit
DAC
VOUT
Receive
Demodulator
Transmit
Modulator
MOD_OUT
RX_IN
RX_INF
HART
Arbiter
Alarm
Diagnostics
Alarm
Responses
User
Calibration
Slew-Rate
Control
DAC Data
Register
Watchdog
Timer
CRC Frame
Error Check
Receive
FIFO
Transmit
FIFO
ALARM
Control Logic
RTS
PVDD
VDD
GND
Internal
Reference
VREFIO
REF_EN
REF_GND
IOVDD
Internal
Oscillator
IRQ (UARTOUT or SDO)
Output Buffer
Range Setting
Filter
2.7-V
Comparator
1.8-V
LDO
Power-
On
Reset
OTP
IOVDD
PVDD
VDD
VREF
PVDD
Bias
Generator
0.6 V
ZTAT
ZTAT
GPIO1/CD
RESET
GPIO0/CLK_OUT
GPIO5/SDI
GPIO4/SDO
GPIO3/UARTIN
GPIO2/UARTOUT
GPIO6/CS
SCLK
PVDD
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com