Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 53 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 49Page - Texas Instruments AFEX82H1 Datasheet HTML 50Page - Texas Instruments AFEX82H1 Datasheet HTML 51Page - Texas Instruments AFEX82H1 Datasheet HTML 52Page - Texas Instruments AFEX82H1 Datasheet HTML 53Page - Texas Instruments AFEX82H1 Datasheet HTML 54Page - Texas Instruments AFEX82H1 Datasheet HTML 55Page - Texas Instruments AFEX82H1 Datasheet HTML 56Page - Texas Instruments AFEX82H1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 115 page
background image
6.3.13 Scratch Pad Register
AFEx82H1 feature a 16-bit Scratch Pad register to enable interface debug and verification without affecting the
part functionality. This register is located at the address 18h. The readback value of the Scratch Pad register is
the inverted code of the value stored in the register (for example, writing 0xAAAA results in 0x5555 while reading
back ).
6.4 Device Functional Modes
6.4.1 DAC Power-Down Mode
Power-down mode facilitates rapid turn-off of the voltage at the DAC output. The DAC can be set to enter and
exit power-down mode through hardware, software, or automatically in response to an alarm event. The DAC
output is specified for glitch-free performance when going into and out of power-down mode.
Power-down mode is also be enabled by setting DAC_CFG.PD to 1. In power-down mode, the DAC output
amplifier powers down and the DAC output pin is put into the Hi-Z configuration. The DAC output remains in
power-down mode until the DAC output is re-enabled.
Alarm control of the power-down mode is enabled by setting the alarm events as DAC power-down sources. The
alarm events that trigger the DAC output power-down state must be specified in the ALARM_ACT register. After
the alarm bit is cleared, the DAC returns to normal operation, as long as no other power-down controlling alarm
event has been triggered.
The DAC register does not change when the DAC enters power-down mode, which enables the device to return
to the original operating point after return from the power-down mode. Additionally, the DAC register can be
updated while the DAC is in power-down mode, thus allowing the DAC to output a new value upon return to
normal operation.
6.4.2 Register Built-In Self-Test (RBIST)
The AFEx82H1 feature a register built-in self-test (RBIST) that runs on all the registers listed in Table 6-9
through a CRC calculation in the order the registers are listed in Table 6-9. If a register is reserved, the reset
value is used in the calculation of the RBIST. If the final CRC value is zero, then no error is present in the
configuration of the registers. If a non-zero value is present at the end of the calculation, then there is a
configuration error. The polynomial used has a Hamming distance (HD) of 4 for data packets up to 2048 bits.
With HD = 4, the CRC detects any combination of 4-bit errors within the stored data. Independently calculate the
expected CRC polynomial and store the output in the RBIST_CRC register at 3Fh.
The final value of the CRC is read in the CRC_RD register at address 3Eh. This value is updated while either
an RBIST or shadow load is running. Both the RBIST and OTP memory use the same CRC calculation engine
and polynomial. The value in the CRC_RD register remains constant until another RBIST or SHADOWLOAD in
TRIGGER register (0Ah) is triggered.
Set TRIGGER.RBIST to 1 to initiate an RBIST. The TRIGGER.RBIST bit stays high as long as the RBIST is
running and clears when the self-test is complete. While the RBIST is running, the registers cannot be written to
or read. Send NOP commands and monitor the RBIST SDO status bit to determine if the RBIST has completed.
In UBM, the RBIST does not interfere with register communication. UBM communication is slow enough that the
RBIST completes before any following read or write command.
The GEN_STATUS.BIST_DONE and GEN_STATUS.BIST_FAIL bits have the same functionality for both MBIST
and RBIST. GEN_STATUS.BIST_MODE is used to select between two tests (1 = RBIST and 0 = MBIST). This
bit is sticky until the GEN_STATUS register is read.
The FIFO_CFG.FIFO_H2U_FLUSH and FIFO_CFG.FIFO_U2H_FLUSH bits are write-self-clear (WSC) and
considered 0 by the CRC module.
The 16-bit CRC used to generate the RBIST is compliant to the openSAFETY (0x755B) standard with the
following polynomial:
x16 + x14 + x13 + x12 + x10 + x8 + x6 + x4 + x3 + x1 + 1.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com