Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 85 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 85 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 81Page - Texas Instruments AFEX82H1 Datasheet HTML 82Page - Texas Instruments AFEX82H1 Datasheet HTML 83Page - Texas Instruments AFEX82H1 Datasheet HTML 84Page - Texas Instruments AFEX82H1 Datasheet HTML 85Page - Texas Instruments AFEX82H1 Datasheet HTML 86Page - Texas Instruments AFEX82H1 Datasheet HTML 87Page - Texas Instruments AFEX82H1 Datasheet HTML 88Page - Texas Instruments AFEX82H1 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 115 page
background image
7.1.29 MODEM_STATUS_MASK Register (Offset = 1Fh) [Reset = FFFFh]
Return to the Register Map.
Table 7-31. MODEM_STATUS_MASK Register Field Descriptions
Bit
Field
Type
Reset
Description
15-13
RESERVED
R
7h
12
GAP_ERR
R/W
1h
HART Gap Error Fault Mask
0h = Fault asserts IRQ
1h = The mask prevents IRQ or Alarm being triggered (default).
The status is always set if the condition exists.
11
FRAME_ERR
R/W
1h
HART Frame Error Fault Mask
Same as HART Gap Error Fault Mask (default 1h).
10
PARITY_ERR
R/W
1h
HART Parity (ODD) Error Fault Mask
Same as HART Gap Error Fault Mask (default 1h).
9
FIFO_H2U_LEVEL_FLAG
R/W
1h
FIFO_H2U Level Flag Mask
Same as HART Gap Error Fault Mask (default 1h).
8
FIFO_H2U_FULL_FLAG
R/W
1h
FIFO_H2U Full Flag Mask
Same as HART Gap Error Fault Mask (default 1h).
7
FIFO_H2U_EMPTY_FLAG
R/W
1h
FIFO_H2U Empty Flag Mask
Same as HART Gap Error Fault Mask (default 1h).
6
FIFO_U2H_LEVEL_FLAG
R/W
1h
FIFO_U2H Level Flag Mask
Same as HART Gap Error Fault Mask (default 1h).
5
FIFO_U2H_FULL_FLAG
R/W
1h
FIFO_U2H Full Flag Mask
Same as HART Gap Error Fault Mask (default 1h).
4
FIFO_U2H_EMPTY_FLAG
R/W
1h
FIFO_U2H Empty Flag Mask
Same as HART Gap Error Fault Mask (default 1h).
3
CD_DEASSERT
R/W
1h
CD Deasserted Flag Mask
Same as HART Gap Error Fault Mask (default 1h).
2
CD_ASSERT
R/W
1h
CD Asserted Flag Mask
Same as HART Gap Error Fault Mask (default 1h).
1
CTS_DEASSERT
R/W
1h
CTS Deasserted Flag Mask
Same as HART Gap Error Fault Mask (default 1h).
0
CTS_ASSERT
R/W
1h
CTS Asserted Flag Mask
Same as HART Gap Error Fault Mask (default 1h).
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com